Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS41-SP Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS41-SP
Description  Bipolar Hall-Effect Digital Position Sensor ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS41-SP Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS41-SP Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS41-SP Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS41-SP Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS41-SP Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS41-SP Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS41-SP Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS41-SP Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS41-SP Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Sensing and Internet of Things
Bipolar Hall-Effect Digital Position Sensor ICs:
SS41, SS41-L, SS41-T2, SS41-T3, SS41-S, SS41-SP
NOTICE
These Hall-effect sensor ICs may have
an initial output in either the ON or OFF
state if powered up with an applied
magnetic field in the differential zone
(applied magnetic field >Brp and <Bop).
Honeywell recommends allowing 10 us
after supply voltage has reached 5 V for
the output voltage to stabilize.
NOTICE
The magnetic field strength (Gauss)
required to cause the switch to
change state (operate and release)
will be as specified in the magnetic
characteristics. To test the switch
against the specified limits, the switch
must be placed in a uniform magnetic
field.
Table 2. Performance Specifications
(At Vsupply = 4.5 Vdc to 24.0 Vdc, 20 mA load, TA = -40ºC to 150ºC [-40ºF to 302ºF] except where otherwise specified.)
Characteristic
Condition
Min.
Typ.
Max.
Unit
Supply voltage
—
4.5
—
24.0
V
Supply current:
ouptut on
output off
Vs = 24.0 V
Vs = 24.0 V
—
—
—
—
10.0
11.3
mA
Output current
—
—
—
20.0
mA
V
sat
Bop > 170, 25ºC [77ºF]
—
—
0.4
V
Output leakage current
Brp > 170, 25ºC [77 ºF], 24 V
—
—
10.0
uA
Rise time (10% to 90%)
25ºC [77ºF]
—
—
1.5
us
Fall time (90% to 10%)
25ºC [77ºF]
—
—
1.5
us
Operating temperature
—
-40 [-40]
—
150 [302]
°C [°F]
Storage temperature
—
-40 [-40]
—
150 [302]
°C [°F]
ESD (Human Body Model)
per JEDEC JS-001 kV
-3
—
+3
kV
Soldering temperature and time
PC board wave soldering process: 250°C to 260°C [482°F to 500°F] for 3 s max.
Table 3. Absolute Maximum Specifications
Characteristic
Min.
Typ.
Max.
Unit
Supply voltage
-50.0
—
50.0
V
Applied output voltage
-0.5
—
50.0
V
Output current
—
—
20
mA
Magnetic flux
—
—
no limit
Gauss
NOTICE
Absolute maximum ratings are the extreme limits the device will momentarily withstand without damage to the device.
Electrical and mechanical characteristics are not guaranteed if the rated voltage and/or currents are exceeded, nor will the
device necessarily operate at absolute maximum ratings.
CAUTION
ELECTROSTATIC
SENSITIVE
DEVICES
DO NOT OPEN OR HANDLE
EXCEPT AT A
STATIC FREE WORKSTATION
ESD SENSITIVITY:
CLASS 3
Table 3. Magnetic Characteristics
Characteristic
Temperature
-40°C
[-40°F]
0°C
[32°F]
25°C
[77°F]
85°C
[185°F]
125°C
[257°F]
150°C
[302°F]
Operate maximum
200 G
150 G
150 G
150 G
200 G
250 G
Release minimum
-160 G
-160 G
-140 G
-150 G
-200 G
-250 G
Differential minimum
40 G
50 G
50 G
50 G
60 G
60 G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com