Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8772 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8772
Description  Electronic, 3 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8772 Datasheet(HTML) 1 Page - Belden Inc.

  8772 Datasheet HTML 1Page - Belden Inc. 8772 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8772
Electronic, 3 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
Product Description
Electronic, 3 Conductor 20AWG (7x28) Tinned Copper, PE Insulation, Overall Beldfoil® Shield, PVC Outer Jacket, CM
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element AWG Stranding
Material
Conductor(s) 3
20
7x28
TC - Tinned Copper
Insulation
Element
Material
Thickness [in.]
Color Code
Conductor(s) PE - Polyethylene 0.017
Black, Red, Clear
Outer Shield Material
Shield Type
Material
Coverage
Drainwire Type
Tape
Alum / Poly 100%
20 AWG (7x28) TC
Outer Jacket Material
Material
Thickness Nom. Diameter
PVC - Polyvinyl Chloride 0.033 in
0.218 in
Cable Diameter (Nominal):
0.218 in
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 10 Ohm/1000ft
27 pF/ft
51 pF/ft
4 Amps per Conductor at 25ºC
Nom Outer Shield DCR:
8.9 Ohm/1000ft
Voltage
UL Voltage Rating
300 V (CM), 300 V (UL AWM 2093)
Mechanical Characteristics
Temperature
UL Rating
Operating
60°C (UL AWM 2093) -20°C to +60°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 8772

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8772 BELDEN-8772 Datasheet
54Kb / 3P
Audio/Con trol/In strumen tation , (3) 20 AW G (7x28) TC, PE/PVC, Foil Sh ld, CM
June 22, 2016
8772 0601000 BELDEN-8772 0601000 Datasheet
54Kb / 3P
Audio/Con trol/In strumen tation , (3) 20 AW G (7x28) TC, PE/PVC, Foil Sh ld, CM
June 22, 2016
8772 060500 BELDEN-8772 060500 Datasheet
54Kb / 3P
Audio/Con trol/In strumen tation , (3) 20 AW G (7x28) TC, PE/PVC, Foil Sh ld, CM
June 22, 2016
8772 0605000 BELDEN-8772 0605000 Datasheet
54Kb / 3P
Audio/Con trol/In strumen tation , (3) 20 AW G (7x28) TC, PE/PVC, Foil Sh ld, CM
June 22, 2016
8772 060U1000 BELDEN-8772 060U1000 Datasheet
54Kb / 3P
Audio/Con trol/In strumen tation , (3) 20 AW G (7x28) TC, PE/PVC, Foil Sh ld, CM
June 22, 2016
More results

Similar Description - 8772

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8719 BELDEN-8719 Datasheet
261Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PVC Jkt, CM
8760 BELDEN-8760 Datasheet
243Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, PVC Jkt, CM
8761 BELDEN-8761 Datasheet
244Kb / 2P
Electronic, 2 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
8762 BELDEN-8762 Datasheet
243Kb / 2P
Electronic, 2 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
8770 BELDEN-8770 Datasheet
263Kb / 2P
Electronic, 3 C #18 Str TC, PE Ins, OS, PVC Jkt, CM
8641 BELDEN-8641 Datasheet
176Kb / 2P
Electronic, 2 C #24 Str TC, PE Ins, OS, PVC Jkt, CM
01-20-2023
8720 BELDEN-8720 Datasheet
164Kb / 2P
Electronic, 2 C #14 Str TC, PE Ins, OS, PVC Jkt, CM
01-20-2023
8771 BELDEN-8771 Datasheet
194Kb / 2P
Electronic, 3 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
04-19-2023
8729 BELDEN-8729 Datasheet
165Kb / 2P
Electronic, 4 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
04-14-2023
9464 BELDEN-9464 Datasheet
146Kb / 2P
Electronic, 2 C #20 Str TC, PO Ins, OS, PVC Jkt, CM
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com