Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9501 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9501
Description  RS-232, #24-1pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75廓
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9501 Datasheet(HTML) 1 Page - Belden Inc.

  9501 Datasheet HTML 1Page - Belden Inc. 9501 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9501
RS-232, #24-1pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
Product Description
Computer EIA RS-232 Cable, 24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, 1 twisted pair, overall Beldfoil® shield (100%
coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Applications; Computer Communications; Low Voltage Analog Signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Line Level Audio; Panel Wiring
Construction Details
Conductor
Element Number of Element AWG Stranding
Material
Pair(s)
1
24
7x32
TC - Tinned Copper
Insulation
Element
Material
Thickness [in.] Color Code
Pair(s)
SR-PVC - Polyvinyl Chloride (Semi-Rigid) 0.011
Black & Red
Outer Shield Material
Shield Type
Material
Coverage
Drainwire Type
Tape
Alum / Poly 100%
24 AWG (7x32) TC
Outer Jacket Material
Material
Thickness Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in
0.156 in
Cable Diameter (Nominal):
0.156 in
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Velocity of Prop.
Max. Current
Pair(s)
24 Ohm/1000ft
40 pF/ft
74 pF/ft
60%
2.2 Amps per Conductor at 25ºC
Nom Outer Shield DCR:
18 Ohm/1000ft
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Rating
Operating
80°C (UL AWM 2464) -30°C to +80°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 9501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9501 ETC2-9501 Datasheet
32Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Keystone Electronics Co...
9501 KEYSTONE-9501 Datasheet
237Kb / 1P
4-40 FLAT HEAD SCREW
9501 KEYSTONE-9501 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Abbatron All Rights Res...
9501 ABBATRON-9501 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Molex Electronics Ltd.
9501021 MOLEX-9501021 Datasheet
34Kb / 1P
SPOX™ Wire-to-Board Connectors
01/06/2017
More results

Similar Description - 9501

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9502 BELDEN-9502 Datasheet
256Kb / 2P
RS-232, #24-2pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75廓
9533 BELDEN-9533 Datasheet
251Kb / 2P
RS-232, #24-3c, SR-PVC, O/A Foil, PVC Jkt, CMG
9534 BELDEN-9534 Datasheet
251Kb / 2P
RS-232, #24-4c, SR-PVC, O/A Foil, PVC Jkt, CMG
9535 BELDEN-9535 Datasheet
236Kb / 2P
RS-232, #24-5c, SR-PVC, O/A Foil, PVC Jkt, CMG
9503 BELDEN-9503 Datasheet
197Kb / 2P
RS-232, #24-3pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
04-19-2023
9944 BELDEN-9944 Datasheet
214Kb / 2P
RS-232, #22-8c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
04-19-2023
9508 BELDEN-9508 Datasheet
210Kb / 2P
RS-232, #24-8pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
04-19-2023
9504 BELDEN-9504 Datasheet
162Kb / 2P
RS-232, #24-4pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
03-04-2023
9536 BELDEN-9536 Datasheet
161Kb / 2P
RS-232, #24-6c, SR-PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9509 BELDEN-9509 Datasheet
149Kb / 2P
RS-232, #24-9pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com