Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6997S Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6997S
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6997S Datasheet HTML 5Page - STMicroelectronics L6997S Datasheet HTML 6Page - STMicroelectronics L6997S Datasheet HTML 7Page - STMicroelectronics L6997S Datasheet HTML 8Page - STMicroelectronics L6997S Datasheet HTML 9Page - STMicroelectronics L6997S Datasheet HTML 10Page - STMicroelectronics L6997S Datasheet HTML 11Page - STMicroelectronics L6997S Datasheet HTML 12Page - STMicroelectronics L6997S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9/30
L6997S
at light load and in continuous mode at high load. The transition from PFM to PWM occurs when load current is
around half the inductor current ripple. This threshold value depends on VIN, L, and VOUT. Note that the higher
the inductor value is, the smaller the threshold is. On the other hand, the bigger the inductor value is, the slower
the transient response is. The PFM waveforms may appear more noisy and asynchronous than normal opera-
tion, but this is normal behaviour mainly due to the very low load. If the PFM is not compatible with the applica-
tion it can be disabled connecting to VCC the NOSKIP pin.
4.4 Softstart
After the device is turned on the SS pin voltage begins to increase and the system starts to switch. The softstart
is realized by gradually increasing the current limit threshold to avoid output overvoltage. The active soft start
range for the VSS voltage (where the output current limit increase linearly) is from 0.6V to 1V. In this range an
internal current source (5
µA Typ) charges the capacitor on the SS pin; the reference current (for the current limit
comparator) forced through ILIM pin is proportional to SS pin voltage and it saturates at 5
µA (Typ.). When SS
voltage is close to 1V the maximum current limit is active. Output protections OVP & UVP are disabled until the
SS pin voltage reaches 1V (see figure 8).
Once the SS pin voltage reaches the 1V value, the voltage on SS pin doesn't impact the system operation any-
more. If the SHDN pin is turned on before the supplies, the power section must be turned on before the logic
section. While if the supplies are applied with the SHND pin off, the start up sequence doesn't meter.
Figure 8. Soft -Start Diagram
Because the system implements the soft start by controlling the inductor current, the soft start capacitor should
be selected based on of the output capacitance, the current limit and the soft start active range (
∆VSS).
In order to select the softstart capacitor it must be imposed that the output voltage reaches the final value before
the soft start voltage reaches the under voltage value (1V). After this UVP and OVP are enable.
The time necessary to charge the SS capacitor up to 1V is given by:
(7)
In order to calculate the output voltage chargin time it should be considered that the inductor current function
can be supposed linear function of the time.
(8)
Time
Time
0.6V
Maximum current limit
Soft-start active range
5
µA
4.1V
1V
Ilim current
Vss
T
SS CSS
()
1V
Iss
-------- C
SS
=
I
L t,CSS
()
R
ilim/Rdson
K
ILIM
I
SS
t
⋅⋅
()
V
SS
C
SS
()
---------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com