Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1AF-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # ES1AF-PJ
Description  SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

ES1AF-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  ES1AF-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, ES1AF-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, ES1AF-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
Forward Current-1A
Reverse Voltage-50V to 600V
Case: SMAF molded plastic body
Terminals: Solderable per MIL-STD- 750, Method 2026
Weight: Approximated 0.027 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL
ES1AF
-
PJ
ES1BF
-
PJ
ES1CF
-
PJ
ES1DF
-
PJ
ES1EF
-
PJ
ES1GF
-
PJ
ES1JF
-
PJ
UNIT
Maximum Repetitive Peak Reverse
Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified
Current at TC=125
℃
IF(AV)
1
A
Peak Forward Surge Current (Note1)
IFSM
30
A
Maximum Forward Voltage at 1.0 A
VF
1
1.25
1.68
V
Maximum DC Reverse Current at Rated
DC Blocking Voltage TA=25
℃
TA=125
℃
IR
5
100
uA
Typical Junction Capacitance at
VR=4V,f=1MHz
CJ
15
pF
Maximum Reverse Recovery Time
(Note2)
Trr
35
nS
Typical Thermal Resistance (Note3)
RθJA
80
℃/W
Operating and Storage Temperature
Range
TJ,TSTG
-55 to +150
℃
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at with IF=0.5A, IR=1A, Irr=0.25A.
3. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
FEATURES
For surface mount applications
Glass passivated chip junction
Low profile package
Superfast reverse recovery time
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
PIN
DESCRIPTION
1
Cathode
2
Anode
Top View
SMAF and symbol
1
2
PIN
NING
Simplified outline
ES1A
F-PJ thru ES1JF-PJ
1 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017


Similar Part No. - ES1AF-PJ

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
ES1AF-ES1JF HDSEMI-ES1AF-ES1JF Datasheet
1Mb / 4P
SMAF Plastic-Encapsulate Diodes
logo
DONGGUAN YOU FENG WEI E...
ES1AF-SMAF YFWDIODE-ES1AF-SMAF Datasheet
427Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES1AF-SMAF YFWDIODE-ES1AF-SMAF_17 Datasheet
427Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results

Similar Description - ES1AF-PJ

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Dongguan Pingjingsemi T...
ES1ABF-PJ PJSEMI-ES1ABF-PJ Datasheet
666Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
ES1AFL-PJ PJSEMI-ES1AFL-PJ Datasheet
976Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
ES2ABF-PJ PJSEMI-ES2ABF-PJ Datasheet
643Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
ES2AF-PJ PJSEMI-ES2AF-PJ Datasheet
795Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
ES3ABF-PJ PJSEMI-ES3ABF-PJ Datasheet
520Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
logo
Shanghai Leiditech Elec...
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com