Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # M2-PJ
Description  Surface Mount General Purpose Silicon Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

M2-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  M2-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, M2-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, M2-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Case: SMAF molded plastic body
Terminals: Solderable per MIL-STD-750,Method 2026
Weight: Approximated 0.027 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL M1
M2
M3
M4
M5
M6
M7
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at TC=125℃
IF(AV)
1
A
Peak Forward Surge Current (Note1)
IFSM
30
A
Maximum Forward Voltage at 1.0 A
VF
1.1
V
Maximum DC Reverse Current at Rated
DC Blocking Voltage at TA=25℃
TA=125℃
IR
5
50
uA
Typical Junction Capacitance (Note2)
CJ
15
pF
Typical Thermal Resistance (Note3)
RθJA
80
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
℃
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.C.
3. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
FEATURES
For surface mount applications
Glass passivated chip junction
Low profile package
Easy to pick and place
Lead free in comply with EU RoHS2011/65/EU directives
MECHANICAL DATA
1 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017
PINNING
PIN
DESCRIPTION
1
Cathode
2
Anode
and symbol
1
2
Simplified outline SMAF
M1-PJ thru M7-PJ
Surface Mount General Purpose Silicon Rectifiers


Similar Part No. - M2-PJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2-0004 ETC2-M2-0004 Datasheet
112Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0004LA ETC2-M2-0004LA Datasheet
112Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0004LB ETC2-M2-0004LB Datasheet
112Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0004LC ETC2-M2-0004LC Datasheet
112Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0004LE ETC2-M2-0004LE Datasheet
112Kb / 2P
TRIPLE-BALANCED MIXERS
More results

Similar Description - M2-PJ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
Shanghai Yint Electroni...
S3AC YINT-S3AC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S3AB YINT-S3AB Datasheet
494Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2ABF YINT-S2ABF Datasheet
498Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
G801DS YFWDIODE-G801DS Datasheet
486Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S2AF-PJ PJSEMI-S2AF-PJ Datasheet
561Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
S3ABF-PJ PJSEMI-S3ABF-PJ Datasheet
693Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
SHIKUES Electronics
S2ABF SKTECHNOLGY-S2ABF Datasheet
439Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com