Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4148CC Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBD4148CC
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBD4148CC Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBD4148CC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBD4148CC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBD4148CC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD4148
Silicon Epitaxial Planar Switching Diode
1 / 3
www.pingjingsemi.com
Revis
ion:2.0 Aug-2018
Fe
atures
MMBD4148 Marking Code: 5D
MMBD4148SE Marking Code: A7
MMBD4148CC Marking Code: A
3
MMBD4148CA Marking Code: A1
Absolute Maximum Ratings (Ta=25℃ )
Parameter
Symbol
Value
Unit
Maximum Repetitive Reverse Voltage
VRRM
100
V
Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF(AV)
200
mA
DC Forward Current
IFM
600
mA
Recurrent Peak Forward Current
IFRM
700
mA
Non-repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 μs
IFSM
1
4
A
Total Device Dissipation
Ptot
350
mW
Operating Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
- 55 to + 150
℃
Characteristics (Ta=25℃ )
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
-
0.85
V
Reverse Breakdown Voltage
at IR = 100 µA
at IR = 5 µA
V(BR)R
100
75
-
-
V
Reverse Current
at VR = 20 V
at VR = 75 V
at VR = 20 V, Ta = 150 OC
IR
-
-
-
25
1
50
nA
µA
µA
Reverse Recovery Time
at IF = 10 mA, VR = 6 V, IRR = 1 mA, RL = 100 Ω
trr
-
4
ns
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
4
pF
1
3
2
3
1
2
1
3
2
2
1
3
4148
4148SE
4148CC
4148CA
SOT-23
1
2
3


Similar Part No. - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD4148CC FAIRCHILD-MMBD4148CC Datasheet
63Kb / 4P
Small Signal Diode
logo
Micro Commercial Compon...
MMBD4148CC MCC-MMBD4148CC Datasheet
106Kb / 2P
High Conductance Ultra Fast Diode 350mW
logo
Jiangsu Changjiang Elec...
MMBD4148CC JIANGSU-MMBD4148CC Datasheet
130Kb / 2P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
MMBD4148CC TEL-MMBD4148CC Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
MMBD4148CC BILIN-MMBD4148CC Datasheet
197Kb / 3P
Surface mount switching diode
More results

Similar Description - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com