Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4AC-PJ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # S4AC-PJ
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

S4AC-PJ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  S4AC-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, S4AC-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, S4AC-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE
RECOMMEND MOUNTING PAD SIZE
ORDERING INFORMATION
Device
Package
Shipping
S4AC-PJ thru S4MC-PJ
SMC
5,000/ Tape & Reel (13 inches)
3.8
4.1
(
150)
(
160)
4.1
(
160)
Unit
mm
mil
S
4AC-PJ thru S4MC-PJ
3 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017
E1
A
V M
E
A
UNIT
mm
2.62
0.31
7.0
6.2
8.0
2.00
0.15
6.5
5.6
7.6
max
min
A
C
E
D
E1
L
0.9
1.6
b
2.75
3.25
mil
max
min
0.21
0.05
103
276
244
315
79
256
220
299
12
5.9
35
63
108
128
8.3
2.0
SMC mechanical data
L
A1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com