Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK2M3W64CC Datasheet(PDF) 8 Page - Intel Corporation

Part # STK2M3W64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2M3W64CC Datasheet(HTML) 8 Page - Intel Corporation

Back Button STK2M3W64CC Datasheet HTML 4Page - Intel Corporation STK2M3W64CC Datasheet HTML 5Page - Intel Corporation STK2M3W64CC Datasheet HTML 6Page - Intel Corporation STK2M3W64CC Datasheet HTML 7Page - Intel Corporation STK2M3W64CC Datasheet HTML 8Page - Intel Corporation STK2M3W64CC Datasheet HTML 9Page - Intel Corporation STK2M3W64CC Datasheet HTML 10Page - Intel Corporation STK2M3W64CC Datasheet HTML 11Page - Intel Corporation STK2M3W64CC Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
1
Product Description
1.1
Overview
1.1.1
Version Summary
There are three different versions of this model of Intel® Compute Stick available which are
summarized in Table 1. Unless otherwise noted in this document all features are available on all
versions of the Intel Compute Stick.
Table 1. Version Summary
Version
Intel® vPro™
TPM
Processor
OS Pre-installed
STK2M3W64CC
No
No
Intel® Core™ m3, M3-6Y30
Yes, Windows 10
STK2MV64CC
Yes
Yes
Intel® Core™ m5, M5-6Y57
No
STK2M364CC
No
Yes
Intel® Core™ m3, M3-6Y30
No
1.1.2
Feature Summary
Table 2 summarizes the major features of the Intel Compute Stick.
Table 2. Feature Summary
Form Factor
114 millimeters by 38 millimeters by 12 millimeters (4.48819 inches by 1.49606 inches by
0.4724 inches)
Processor
 Soldered-down Intel® Core™ M processor
― Integrated graphics
― Integrated memory controller
― Integrated PCH
Memory
 Soldered-down dual-channel LPDDR3 1866 MHz memory
 4 GB total memory
Graphics
 Integrated graphics support with Intel® HD Graphics Technology:
― High Definition Multimedia Interface* (HDMI*)
Audio
Intel® High Definition (Intel® HD) Audio via the HDMI v1.4b interface
Peripheral Interfaces
One full size USB 3.0 port
Storage
 64 GB soldered-down Embedded MultiMediaCard (eMMC) onboard storage
 One Micro SD card slot (SDXC v3.0 with UHS-I support)
BIOS
 Intel® BIOS resident in the Serial Peripheral Interface (SPI) Flash device
 Support for Advanced Configuration and Power Interface (ACPI), Plug and Play, and
System Management BIOS (SMBIOS)
Wireless LAN
Soldered-down Intel® Dual Band Wireless-AC module
 802.11a/b/g/n, 802.11ac, Bluetooth* 4.2
 Supports Intel® Wireless Display (WiDi)
Intel® vPro™
Technologies
(STK2MV64CC only)
 Intel® Active Management Technology (Intel® AMT) 11.0
 Intel® Virtualization Technology (Intel® VT)
 Intel® Virtualization for Directed I/O (Intel® VT-d)
 Intel® Trusted Execution Technology (Intel® TXT)
 Intel® Identity Protection Technology (Intel® IPT)
 Trusted Platform Module 2.0 (TPM) (Also available on STK2M364CC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com