Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK2MV64CC Datasheet(PDF) 22 Page - Intel Corporation

Part # STK2MV64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2MV64CC Datasheet(HTML) 22 Page - Intel Corporation

Back Button STK2MV64CC Datasheet HTML 18Page - Intel Corporation STK2MV64CC Datasheet HTML 19Page - Intel Corporation STK2MV64CC Datasheet HTML 20Page - Intel Corporation STK2MV64CC Datasheet HTML 21Page - Intel Corporation STK2MV64CC Datasheet HTML 22Page - Intel Corporation STK2MV64CC Datasheet HTML 23Page - Intel Corporation STK2MV64CC Datasheet HTML 24Page - Intel Corporation STK2MV64CC Datasheet HTML 25Page - Intel Corporation STK2MV64CC Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
22
2
Technical Reference
2.1
Memory Resources
2.1.1
Addressable Memory
The Intel Compute Stick utilizes up to 4 GB of addressable system memory. Typically the address
space that is allocated for PCI Conventional bus add-in cards, PCI Express configuration space,
BIOS (SPI Flash device), and chipset overhead resides above the top of DRAM (total system
memory). On a system that has 8 GB of system memory installed, it is not possible to use all of
the installed memory due to system address space being allocated for other system critical
functions. These functions include the following:
BIOS/SPI Flash device
 64 Mb on STK2M3W64CC and STK2M364CC
 128 Mb on STK2MV64CC
Local APIC (19 MB)
Direct Media Interface (40 MB)
PCI Express configuration space (256 MB)
SoC base address registers PCI Express ports (up to 256 MB)
Integrated graphics shared memory (up to 512 MB; 64 MB by default)
The Intel Compute Stick provides the capability to reclaim the physical memory overlapped by the
memory mapped I/O logical address space. Physical memory is remapped from the top of usable
DRAM boundary to the 4 GB boundary to an equivalent sized logical address range located just
above the 4 GB boundary. All installed system memory can be used when there is no overlap of
system addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com