Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVO Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # HVO
Description  Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

HVO Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  HVO Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. HVO Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. HVO Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. HVO Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. HVO Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. HVO Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd. HVO Datasheet HTML 7Page - LinkCom Manufacturing Co., Ltd. HVO Datasheet HTML 8Page - LinkCom Manufacturing Co., Ltd. HVO Datasheet HTML 9Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HVO Series
● AC Input 100~277VAC
● Built-in Active PFC Function
● Protection: SCP / OVP / OTP
● 12V Auxiliary Output
● Built-in 3 in 1 dimming function (0-10Vdc, 10V PWM signal, or resistance)
● Power saving < 0.35W at Dim to off.
● Flicker Free
● Surge protection: L-N 4KV, L-FG/N-FG 6KV
● Safety: UL 8750
● EMI: FCC Part 15 Class B / CE
● IP 67 Compliant
● Warranty: 3 years (refer to warranty policy)
● RoHS Compliant
100VAC 120VAC
200VAC 277VAC 100VAC 120VAC 200VAC
277VAC
86.0%
88.0%
90.0%
90.0%
0.98
0.98
0.95
0.92
86.0%
88.0%
90.0%
90.0%
0.98
0.98
0.95
0.92
85.0%
87.0%
90.0%
90.0%
0.98
0.98
0.95
0.92
85.0%
87.0%
90.0%
90.0%
0.98
0.98
0.95
0.92
85.0%
87.0%
90.0%
91.0%
0.98
0.98
0.95
0.92
85.0%
87.0%
90.0%
91.0%
0.98
0.98
0.95
0.92
84.0%
86.0%
89.0%
90.0%
0.98
0.98
0.95
0.92
84.0%
86.0%
89.0%
90.0%
0.98
0.98
0.95
0.92
86.0%
88.0%
91.0%
92.0%
0.98
0.98
0.95
0.92
86.0%
88.0%
91.0%
92.0%
0.98
0.98
0.95
0.92
85.0%
87.0%
90.0%
91.0%
0.98
0.98
0.95
0.92
85.0%
87.0%
90.0%
91.0%
0.98
0.98
0.95
0.92
85.0%
87.0%
90.0%
91.0%
0.98
0.98
0.95
0.92
Units
Vac
Hz
A
A
A
A
mA
%
Units
%
%
%
V
s
V
A
Units
100VAC in
Input Current (150-HVO)
1.76
100VAC in
Input Current (120-HVO)
1.41
HVO150U182FFB0
150
43 - 86
1.75
±5%
±5%
HVO150U212FFB0
HVO150U701FFB0
150
107 - 214
0.7
±5%
HVO150U112FFB0
150
71 - 143
1.05
±5%
120
34 - 69
1.75
±5%
54 - 107
305
Input Specifications
HVO120U142FFB0
120
43 - 86
1.4
±5%
36 - 72
1.4
Protection Functions
±5%
FEATURES:
DC OUTPUT
VOLTAGE
(V)
● High Operating Ambient Temp.: -40℃~+60℃
100
OUTPUT
CURRENT
TOLERANCE
PRODUCT SPECIFICATION
MODEL
DC OUTPUT
POWER
(W)
OUTPUT
CURRENT
(A)
120
107 - 172
0.7
120
±5%
36 - 72
±5%
100
±5%
58 - 115
1.05
HVO100U351FFB0
±5%
143 - 286
±5%
Power Supply
EFFICIENCY (Ref.)
HVO100U142FFB0
100
1.05
Typ.
150
2.1
150
HVO100U701FFB0
100
0.35
0.7
Input Current (100-HVO)
1.22
Input Frequency Range
47
63
Inrush Current
65
Leakage Current
0.75
Power Factor (PF)
0.9
Total Harmonics Distortion (THD)
20
Max.
Line Regulation
±3
Typ.
Min.
Load Regulation
±3
Output Current Regulation
±5
Ripple and Noise (pk-pk)
1
Ripple Current
Turn-on Delay Time
1
Min.
Max.
Auxiliary Output Source Current
0
Over Voltage Protection
Short Circuit Protection
Over Temp Protection (Tc)
Auto recovery
Auto recovery
Conditions/Description
HVO120U701FFB0
±5%
HVO120U112FFB0
HVO150U142FFB0
± 10% Tolerance (Available for customization)
*Measured at 100-277VAC and at full load.
*Measured at electronic load LED mode and nominal input voltage
with DC10V dimming.
<30% of rated output current
12
0.42
Auto recovery
Typ.
72 - 143
277VAC in
230VAC in,25℃ Cold start
100VAC in
Input Voltage Range
90
Min.
HVO120U182FFB0
Power Factor (Typ.)
100
Conditions/Description
1.4
Max.
HVO100U112FFB0
48 - 95
20MHz Bandwidth.
Conditions/Description
Output Specifications
100-277VAC,100% load
Auxiliary Output Voltage
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Description - HVO

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com