Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2S Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2S
Description  Miniature Square Inductive Proximity Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2S Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2S Datasheet HTML 1Page - Omron Electronics LLC E2S Datasheet HTML 2Page - Omron Electronics LLC E2S Datasheet HTML 3Page - Omron Electronics LLC E2S Datasheet HTML 4Page - Omron Electronics LLC E2S Datasheet HTML 5Page - Omron Electronics LLC E2S Datasheet HTML 6Page - Omron Electronics LLC E2S Datasheet HTML 7Page - Omron Electronics LLC E2S Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
D-64
Inductive Sensors
Specifications
Characteristic data (typical)
Item
Model
E2S-###
Protective circuits
Reverse polarity connection and surge absorber
Ambient temperature
Operating: -25°C to 70°C, Storage: -40°C to 85°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 90%RH, Storage: 35% to 95%RH (with no condensation)
Temperature influence ±15% max. of sensing distance at 23°C in temperature range of -25°C to 70°C
Voltage influence
±2.5% max. of sensing distance within a range of ±10% of rated supply voltage
Insulation resistance
50 M
min. (at 500 VDC) between energized parts and case
Dielectric strength
1,000 VAC for 1 min between energized parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Protective structure
IEC60529 IP67
Connection method
Pre-wired models (Standard length: 3 m)
Weight (Packed state) Approx. 10 g
Material
Case
Polyarylate
Accessories
Mounting Brackets
Sensing Distance vs. Sensing Object
E2S-W1#/-Q1#
E2S-W2#/-Q2#
Side length of sensing object d (mm)
010
20
30
40
50
2
1.5
1
0.5
SUS
Copper
Iron
Aluminum
Brass
X
#d
t=1mm
#d
t=1mm
X
Side length of sensing object d (mm)
0
10203040
50
60
4
3
2
1
SUS
Copper
Iron
Aluminum
Brass
X
F502-EN2-04.book Seite 64 Dienstag, 26. Juli 2005 5:48 17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com