Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB1F-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMB1F-PJ
Description  SURFACE MOUNT GLASS PASSIVATED BRI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMB1F-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMB1F-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMB1F-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMB1F-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FMB1F
-PJ thru FMB10F-PJ
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Forward Current-0.8A
Reverse Voltage-100V to 1000V
Case: MBF molded plastic body
Terminals: Solderable per MIL-STD-750, Method 2026
Weight: Approximated 0.075 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL FMB1F-PJ FMB2F-PJ FMB4F-PJ FMB6F-PJ FMB8F-PJ FMB10F-PJ UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TC=125℃
IF(AV)
0.8
A
Peak Forward Surge Current (Note1)
IFSM
30
A
Maximum Forward Voltage at 0.8A
VF
1.3
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA=25℃
TA=125℃
IR
5.0
50
uA
Typical Junction Capacitance (Note2)
CJ
12
pF
Maximum Reverse Recovery Time (Note3)
Trr
500
nS
Typical Thermal Resistance (Note4)
RθJA
RθJC
90
30
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
℃
Notes:1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.V.
3. Measured with IF=0.5A, IR=1A, Irr=0.25A.
4. Mounted on 1.5" X 1.5" (3.81 X 3.81 cm) copper pad areas.
PIN
DESCRIPTION
1
Input Pin(~)
2
Input Pin(~)
3
Output Anode(+)
4
Output Cathode(-)
FEATURES
For surface mount applications
Glass passivated chip junction
Fast reverse recovery time
MECHANICAL DATA
PINNING
MBF Package
1
2
3
4
1 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017


Similar Part No. - FMB1F-PJ

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FMB1F YFWDIODE-FMB1F Datasheet
494Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
More results

Similar Description - FMB1F-PJ

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Leshan Radio Company
FFM101 LRC-FFM101_15 Datasheet
178Kb / 4P
Surface Mount Glass Passivated
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
Surface Mount Glass Passivated
HFM102 LRC-HFM102_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
PACELEADER INDUSTRIAL
PFFM101 PACELEADER-PFFM101 Datasheet
294Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Dongguan Pingjingsemi T...
FTB1F-10 PJSEMI-FTB1F-10 Datasheet
925Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRI
FTB1S-10 PJSEMI-FTB1S-10 Datasheet
898Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRI
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com