Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1F-12 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MB1F-12
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MB1F-12 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MB1F-12 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MB1F-12 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MB1F-12 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
00
20
40
60
80
100
120
140
percent of Rated Peak Reverse Voltage (%)
TJ=125°C
TJ=25°C
Fig.4 Typical Junction Capacitance
100
0.1
1
10
100
1.0
10
Reverse Voltage (V)
TJ=25°C
2.0
Fig.3 Typical Instaneous Forward
Characteristics
0
0..0
0
0.01
0.1
1.0
10
0.5
1.0
1.5
Instaneous Forward Voltage (V)
TJ=25°C
pulse with 300μs
1% duty cycle
0.2
0.4
0.6
0.8
1.0
0.0
25
50
75
100
125
150
175
Fig.1 Average Rectified Output Current
Derating Curve
Case Temperature (
°C)
Resistive or Inductive Load
1.2
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles
20
40
00
10
100
1
8.3 ms Single Half Sine Wave
(JEDEC Method)
50
30
10
1.4
MB1F-12
thru MB10F-12
SURFACE MOUNT BRIDGE RECTIFIERS
2 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com