Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS32BF-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # SS32BF-PJ
Description  SCHOTTKYBARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

SS32BF-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  SS32BF-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, SS32BF-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, SS32BF-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS32BF-
PJ thru SS320BF-PJ
SCHOTTKY BARRIER RECTIFIERS
Case: SMBF molded plastic body
Terminals: Solderable per MIL-STD-750
, Method 2026
Weight: Approximated 0.057 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL SS32BF
-
PJ
SS34BF
-
PJ
SS36BF
-
PJ
SS38BF
-
PJ
SS310BF
-
PJ
SS312BF
-
PJ
SS315BF
-
PJ
SS320BF
-
PJ
UNIT
Maximum Repetitive Peak Reverse
Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS Voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average Forward Rectified
Current at TC=100
℃
IF(AV)
3.0
A
Peak Forward Surge Current (Note1)
IFSM
80
A
Maximum Forward Voltage at 3.0 A
VF
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage at
TA=25
℃
TA=100
℃
IR
0.5
5
0.3
3
mA
Typical Junction Capacitance (Note2)
CJ
450
400
pF
Typical Thermal Resistance (Note3)
RθJA
65
℃/W
Operating and Storage Temperature
Range
TJ,TSTG
-55 to +150
℃
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.C.
3. P.C.B. mounted with 2.0" X 2.0" (5cm X 5 cm) copper pad areas.
FEATURES
For surface mount applications
High forward surge current capability
Low power loss,high efficiency
Metal silicon junction,majority carriers conduction
MECHANICAL DATA
PIN
DESCRIPTION
1
Cathode
2
Anode
PIN
NING
Top View
Simplified outline SMBF and symbol
1
2
1 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017


Similar Part No. - SS32BF-PJ

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS32BF-SMBF YFWDIODE-SS32BF-SMBF Datasheet
418Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS32BF-PJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4001ID PHILIPS-1N4001ID Datasheet
31Kb / 5P
Rectifiers
1996 Jun 10
logo
Transys Electronics
SB320D TRSYS-SB320D Datasheet
166Kb / 2P
DPAK SURFACE MOUNT SCHOTTKYBARRIER RECTIFIER
logo
Compensated Deuices Inc...
CD5820 CDI-DIODE-CD5820 Datasheet
48Kb / 2P
3 AMP SCHOTTKYBARRIER RECTIFIER CHIPS
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UT234 NJSEMI-UT234 Datasheet
103Kb / 2P
RECTIFIERS
logo
DIYI Electronic Technol...
MBR1040CGD DYELEC-MBR1040CGD Datasheet
942Kb / 3P
SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
MBR1040CKD DYELEC-MBR1040CKD Datasheet
735Kb / 3P
SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
MBR2040CGD DYELEC-MBR2040CGD Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com