Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS312-PJ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # SS312-PJ
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

SS312-PJ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  SS312-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, SS312-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, SS312-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
1
0.1
0
0.2
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.8
1.0
1.2
1.8
1.6
SS32
-PJ/SS34-PJ
SS34A
-PJ/SS38-PJ
SS310
-PJ/SS312-PJ
SS315
-PJ/SS320-PJ
20
Fig.2 Typical Reverse Characteristics
TJ=25°C
TJ=100°C
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage
(%)
10
0
101
10
2
10
3
10
4
TJ=75°C
SS32
-PJ-SS36-PJ
SS38
-PJ-SS320-PJ
0.6
1.2
1.8
2.4
3.0
3.5
0.0
25
125
150
Fig.1 Forward Current Derating Curve
0.01
100
1
10
100
Fig.5- Typical Transient Thermal Impedance
0.1
1
10
t,Pulse Duration(sec)
50
75
100
Case Temperature (°C)
F
Fiig
g..4
4 Ty
Typ
piic
ca
al J
l Ju
un
nc
cttiio
on C
n Ca
ap
pa
ac
ciitta
an
nc
ce
e
1
1
1
10
0
R
Re
ev
ve
errs
se Vo
e Volltta
ag
ge (
e (V
V))
1
10
0
0
0..1
1
1
10
00
0
5
50
00
0
2
20
0
1
10
00
0
1
10
00
00
0
T
TJJ=
=2
25
5
°°C
C
2
20
00
0
Single phase half-wave 60 Hz
resistive or inductive load
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
10
Number of Cycles at 60Hz
8.3 ms Single
Half Sine
Wave
(JEDEC Method)
1
20
40
60
00
80
100
SS32
-PJ-SS36-PJ
SS38
-PJ-SS320-PJ
SS32-PJ THRU SS320-PJ
SCHOTTKY BARRIER RECTIFIERS
2 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com