Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC2641A Datasheet(PDF) 5 Page - Analog Devices

Part # DC2641A
Description  High Input Voltage Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2641A Datasheet(HTML) 5 Page - Analog Devices

  DC2641A Datasheet HTML 1Page - Analog Devices DC2641A Datasheet HTML 2Page - Analog Devices DC2641A Datasheet HTML 3Page - Analog Devices DC2641A Datasheet HTML 4Page - Analog Devices DC2641A Datasheet HTML 5Page - Analog Devices DC2641A Datasheet HTML 6Page - Analog Devices DC2641A Datasheet HTML 7Page - Analog Devices DC2641A Datasheet HTML 8Page - Analog Devices DC2641A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
dc2641af
DEMO MANUAL DC2641A
EXTVCC BIAS SUPPLY
By default, the DC2641A EXTVCC turret is tied to the 12V
VOUT.
To power the EXTVCC from on-board bias supply:
1. Leave the JP7 OPEN. This step disconnects the EXTVCC
from VOUT.
2. Keep the JP8 at the “ON” position. The on-board BIAS
supply output voltage is 12V.
Alternatively, EXTVCC can also be powered by an external
power supply:
1. Leave the JP7 OPEN.
2. Keep the JP8 at the “OFF” position.
3. Apply a DC voltage (<14V) between the EXTVCC and
GND turret, after the input voltage is established.
Ensure that EXTVCC ≤ VIN.
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
DC2641A F03
VIN = 100V
VIN = 72V
VIN = 48V
VIN = 16V
Figure 3. DC2641A VOUT Typical Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com