Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP810 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP810
Description  Scotch-Weld™ Low Odor AcrylicAdhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP810 Datasheet(HTML) 1 Page - 3M Electronics

  DP810 Datasheet HTML 1Page - 3M Electronics DP810 Datasheet HTML 2Page - 3M Electronics DP810 Datasheet HTML 3Page - 3M Electronics DP810 Datasheet HTML 4Page - 3M Electronics DP810 Datasheet HTML 5Page - 3M Electronics DP810 Datasheet HTML 6Page - 3M Electronics DP810 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For footnotes, see Test Methods and Footnotes on Page 4.
Scotch-Weld™
Low Odor Acrylic Adhesives
DP810 • DP810 Black • DP810NS
Product Description
3M™ Scotch-Weld™ Low Odor Acrylic Adhesives are two-part, 1:1 mix ratio,
toughened structural adhesives with less odor than most acrylic adhesives. These
adhesives have excellent shear and peel strength along with good impact resistance
and durability. They can quickly bond to most metals, ceramics, rubbers, plastics
and wood with minimal surface preparation.
Features
• Tough, durable bonds
• Low odor acrylic adhesive
• Minimal surface prep
• 10-minute work life
• 20-minute time to handling strength
• 1:1 mix ratio
• Bonds stainless steel
• Excellent shear and peel strength
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Property
3M™ Scotch-Weld™ Low Odor Acrylic Adhesive
DP810
DP810 Black
DP810NS
Color
Base (B)
Accelerator (A)
Green
White
Black
White
Blue/Green
White
Lbs./gal.
Base (B)
8.7 - 9.1
8.7 - 9.1
8.7 - 9.1
Accelerator (A)
8.7 - 9.1
8.7 - 9.1
8.7 - 9.1
Viscosity (cps)(1)
Base (B)
18,000 - 22,000
18,000 - 22,000
90,000 - 95,000
Accelerator (A)
18,000 - 22,000
17,000 - 21,000
95,000 - 100,000
Base Resin
Base (B)
Accelerator (A)
Acrylic
Acrylic
Acrylic
Acrylic
Acrylic
Acrylic
Mix Ratio
(Volume)
1:1
1:1
1:1
(Weight)
1:1
1:1
1:1
Time to Handling Strength (50 psi)
20 minutes
20 minutes
20 minutes
Full Cure @ 73°F (23°C)
8 - 24 hours
8 - 24 hours
8 - 24 hours
Work Life @ 73°F (23°C)
10 minutes
10 minutes
10 minutes
Technical Data
June 2019


Similar Part No. - DP810

ManufacturerPart #DatasheetDescription
logo
Power-One
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
8V to 14V Input , 0.7V to 5.5V Output
More results

Similar Description - DP810

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8010 3M-DP8010 Datasheet
259Kb / 6P
Scotch-Weld??Structural Plastic Adhesives
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld??Acrylic Adhesives
DP8805NS 3M-DP8805NS Datasheet
144Kb / 7P
Scotch-Weld??Low Odor Acrylic Adhesives
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M??Scotch-Weld??Urethane
LO1000 3M-LO1000 Datasheet
349Kb / 4P
Scotch-Weld™ Low Odor Instant Adhesives
Apr-2016
DP640 3M-DP640 Datasheet
148Kb / 6P
3M??Scotch-Weld??Urethane Adhesive
2216B 3M-2216B Datasheet
519Kb / 8P
Scotch-Weld™ Epoxy Adhesive
Oct-2018
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M??Scotch-Weld??Epoxy Adhesive
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
EC-3549 3M-EC-3549 Datasheet
369Kb / 5P
3M??Scotch-Weld??Urethane Adhesive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com