Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3502 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SM3502
Description  FAN CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3502 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SM3502 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FUNCTION DESCRIPTION
SM3502 has FIVE control signal operations :
* Start-up by SPEED key
a. function turn off (OFF key)
b. wind mode selection (MODE key)
c. start-up function and wind speed selection(SPEED key)
d. timer setting (TIMER key)
e. swing head or light control (SW or LIGHT Key)
Only SPEED key can enable the fan controller, except for the light control. Wind mode, timer and
swing head inputs can not be accepted when fa
by timer and OFF key inputs.
When more than one key are pressed, controller will not accept the multi-key's control signal, if the
panel keys are pressed more than six seconds, controller will generate a " BI-BI-BI-BI" warning sound.
When fan is enabled by SPEED key, the initial state of fan controller is as follows:
* Memory function available
If Fan controller is OFF on sleep mode, all memory functions will be returned to the LAST STATE
BEFORE SLEEP MDOE operation.
a. Grade as last state but with starting medium wind for three seconds
b. The wind mode as last state except sleep mode
c. Swing function as last state
d. Timer setting off
e. Light is independent
Page 4
V.1.0
A. OFF KEY
When fan controller is on, press the OFF key, fan functions will be off except light output.
B. SPEED KEY
When fan control is off, press SPEED key, fan is turned on, initial state is LOW wind; when
memory function is available, the wind grade will operate as last state. Both conditions have
three seconds starting wind. Press the SPEED key again, the wind will be changed as
follows :
SPEED key used
Pulse is put into OFF pin
OFF
LOW
MEDIUM
STRONG
SM3502
SAMHOP Microelectronics Corp.
三合微科股份有限公司
FAN CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com