Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E85P03 Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # E85P03
Description  85A 100V P-channel Enhancement Mode Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

E85P03 Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  E85P03 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E85P03 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E85P03 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E85P03 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E85P03 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E85P03 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E85P03 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E85P03 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E85P03 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 1 of 10
85P03
1
Description
These P-channel Enhanced VDMOSFETs, Used advanced
trench technology and design, provide to excellent RDSON with
low gate charge. Which accords with the RoHS standard.
2
Features
● Fast Switching
● Low ON Resistance
● Low Gate Charge
● Low Reverse Transfer Capacitances
● 100% Single Pulse Avalanche Energy Test
● 100% ΔV
DS Test
3
Applications
● used in various power switching circuit for system
miniaturization and higher efficiency.
● Portable equipment and battery powered systems
● Alertor Application
85A 100V P-channel Enhancement Mode Power MOSFET
4
Electrical Characteristics
4.1 Absolute Maximum Rating(Tc=25℃,unless otherwise noted)
Parameter
Symbol
Value
Units
Drian-Source Voltage
VDS
-30
V
Gate-Drain Voltage
VGS
±25
V
Drain Current(continuous)
ID(T=25℃)
(T=100℃)
-85
A
-60
A
Drain Current(Pulsed)
(Note 1)
IDM
-255
A
Single Pulse Avalanche Energy
(Note 5)
EAS
180
mJ
Total Dissipation
Ta=25℃
Ptot
2
W
TC=25℃
Ptot
50
W
Junction Temperature
Tj
150
℃
storage Temperature
Tstg
-55~150
℃
Maximum Temperature for soldering
TL
300
℃
4.2 Thermal Characteristics
Parameter
Symbol
Value
Units
Thermal Resistance Junction to Case-sink
RthJC
2.5
℃/W
Thermal Resistance Junction to Ambient
RthJA
62.5
℃/W
VDSS = -30V
RDS(on) (TYP)=6.3mΩ
ID = -85A
TO-220C


Similar Part No. - E85P03

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
E85P03 WXDH-E85P03 Datasheet
758Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
E85P03 WXDH-E85P03 Datasheet
757Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
E85P03 WXDH-E85P03 Datasheet
762Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
E85P03 WXDH-E85P03 Datasheet
757Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
E85P03 WXDH-E85P03 Datasheet
757Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
More results

Similar Description - E85P03

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
B85P03 WXDH-B85P03 Datasheet
762Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
D85P03 WXDH-D85P03 Datasheet
757Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
E85P03 WXDH-E85P03 Datasheet
758Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
F85P03 WXDH-F85P03 Datasheet
757Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
I85P03 WXDH-I85P03 Datasheet
757Kb / 10P
85A 100V P-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com