Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSJ4N65 Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # FSJ4N65
Description  4A 650V N-channel Super Junction Power MOSFET ?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

FSJ4N65 Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  FSJ4N65 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 1 of 11
DSJ4N65
1
Description
The
series of devices
use advanced super junction technology
and design to provide excellent RDS(ON) with low gate charge.
Which accords with the RoHS standard.
2
Features
● New technology for high voltage device
● Low on-resistance and low conduction losses
● Small package
● Ultra Low Gate Charge cause lower driving requirements
● 100% Single Pulse Avalanche Energy Test
● 100% ΔV
DS Test
3
Applications
● Power factor correction(PFC)
● Switched mode power supplies(SMPS)
● Uninterruptible Power Supply(UPS)
4A 650V N-channel Super Junction Power MOSFET Ⅱ
4
Electrical Characteristics
4.1 Absolute Maximum Rating(Tc=25℃,unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Drian-Source DC Voltage
VDS
650
V
Maximum Gate-Drain Voltage
VGS
±30
V
Drain Current(continuous)
ID(T=25℃)
(T=100℃)
4
A
2.5
A
Drain Current(Pulsed)
(Note 3)
IDM(Pluse)
12
A
Single Pulse Avalanche Energy
(Note 1)
EAS
130
mJ
Peak Diode Recovery dv/dt
(Note 2)
dv/dt
50
V/ns
Total Dissipation
Ta=25℃
Ptot
2.02
W
TC=25℃
Ptot
46
W
Junction Temperature
Tj
150
℃
storage Temperature
Tstg
-55~150
℃
Repetitive Avalanche energy
EAR
0.2
mJ
Avalanche current
IAR
2
A
* limited by maximum junction temperature
4.2 Thermal Characteristics
PARAMETER
SYMBOL
VALUE
UNIT
Thermal Resistance Junction to Case-sink
RthJC
2.72
℃/W
Thermal Resistance Junction to Ambient
RthJA
62
℃/W
VDSS = 650V
RDS(on) (TYP)= 1.0Ω
ID = 4A
1
2
3
4
5
6
7
8
A
B
C
D
8
7
6
5
4
3
2
1
D
C
B
A
Ti t le
N u m b er
R ev i s io n
S i ze
D
D ate:
1 0 -A p r-2 0 1 7
S h eet
o f
F i l e:
D :\ Pr og ram F i l es \p ro tel 99 s e\文件夹\ W X D H
D raw n B y :
3
1
2
G
S
D
TO-252


Similar Part No. - FSJ4N65

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
FSJ4N65 WXDH-FSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
FSJ4N65 WXDH-FSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
FSJ4N65 WXDH-FSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
FSJ4N65 WXDH-FSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
FSJ4N65 WXDH-FSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
More results

Similar Description - FSJ4N65

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCP12NK65V SEMIHOW-HCP12NK65V Datasheet
398Kb / 8P
650V N-Channel Super Junction MOSFET
HCS12NK65V SEMIHOW-HCS12NK65V Datasheet
423Kb / 7P
650V N-Channel Super Junction MOSFET
logo
Will Semiconductor Ltd.
WCR1K2N65 WILLSEMI-WCR1K2N65 Datasheet
1Mb / 9P
650V N-Channel Super Junction MOSFET
WCR250N65 WILLSEMI-WCR250N65 Datasheet
1Mb / 8P
650V N-Channel Super Junction MOSFET
logo
Jiangsu Donghai Semicon...
BSJ4N65 WXDH-BSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
ESJ4N65 WXDH-ESJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
FSJ4N65 WXDH-FSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
ISJ4N65 WXDH-ISJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
SJ4N65 WXDH-SJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
logo
Pan Jit International I...
PJMF130N65EC PANJIT-PJMF130N65EC Datasheet
567Kb / 7P
650V N-Channel Super Junction MOSFET
October 15,2021 PJMF130N65EC-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com