Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C331MFT32A-10TQIN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C331MFT32A-10TQIN
Description  3.3V 1M x 32/36 Flow-through synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MFT32A-10TQIN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C331MFT32A-10TQIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MFT32A-10TQIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MFT32A-10TQIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MFT32A-10TQIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MFT32A-10TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MFT32A-10TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MFT32A-10TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MFT32A-10TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MFT32A-10TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
12/23/04, v 1.3
Alliance Semiconductor
2 of 19
AS7C331MFT32A
AS7C331MFT36A
®
32 Mb Synchronous SRAM products list1,2
1 Core Power Supply: VDD = 3.3V + 0.165V
2 I/O Supply Voltage: VDDQ = 3.3V + 0.165V for 3.3V I/O
VDDQ = 2.5V + 0.125V for 2.5V I/O
PL-SCD
:
Pipelined Burst Synchronous SRAM - Single Cycle Deselect
PL-DCD
:
Pipelined Burst Synchronous SRAM - Double Cycle Deselect
FT
:
Flow-through Burst Synchronous SRAM
NTD1-PL
:
Pipelined Burst Synchronous SRAM with NTDTM
NTD-FT
:
Flow-through Burst Synchronous SRAM with NTDTM
Org
Part Number
Mode
Speed
2MX18
AS7C332MPFS18A
PL-SCD
200/166/133 MHz
1MX32
AS7C331MPFS32A
PL-SCD
200/166/133 MHz
1MX36
AS7C331MPFS36A
PL-SCD
200/166/133 MHz
2MX18
AS7C332MPFD18A
PL-DCD
200/166/133 MHz
1MX32
AS7C331MPFD32A
PL-DCD
200/166/133 MHz
1MX36
AS7C331MPFD36A
PL-DCD
200/166/133 MHz
2MX18
AS7C332MFT18A
FT
7.5/8.5/10 ns
1MX32
AS7C331MFT32A
FT
7.5/8.5/10 ns
1MX36
AS7C331MFT36A
FT
7.5/8.5/10 ns
2MX18
AS7C332MNTD18A
NTD-PL
200/166/133 MHz
1MX32
AS7C331MNTD32A
NTD-PL
200/166/133 MHz
1MX36
AS7C331MNTD36A
NTD-PL
200/166/133 MHz
2MX18
AS7C332MNTF18A
NTD-FT
7.5/8.5/10 ns
1MX32
AS7C331MNTF32A
NTD-FT
7.5/8.5/10 ns
1MX36
AS7C331MNTF36A
NTD-FT
7.5/8.5/10 ns
1NTD: No Turnaround Delay. NTDTM is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are the property of
their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com