Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4NE60 Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 4NE60
Description  4A 600V N-channel Enhancement Mode Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

4NE60 Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  4NE60 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 4NE60 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 4NE60 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 4NE60 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 4NE60 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 4NE60 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 4NE60 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 4NE60 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 4NE60 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 1 of 13
F4NE60
1
Description
These N-channel Enhanced VDMOSFETs, is obtained by the
self-aligned planar technology which reduce the conduction loss,
improve switching performance and enhance the avalanche
energy. Which accords with the RoHS standard.
2
Features
● Fast Switching
● ESD Improved Capability
● Low ON Resistance(Rdson≤2.5Ω)
● Low Gate Charge(Typical Data:13nC)
● Low Reverse Transfer Capacitances(Typical:2.2pF)
● 100% Single Pulse Avalanche Energy Test
● 100% ΔV
DS Test
3
Applications
● Used in Various Power Switching Circuit for System
Miniaturization and Higher Efficiency.
● Power Switch Circuit of Electron Ballast and Adaptor.
4A 600V N-channel Enhancement Mode Power MOSFET
4
Electrical Characteristics
4.1 Absolute Maximum Rating (Tc=25℃,unless otherwise noted)
Parameter
Symbol
Value
Units
Maximum Drian-Source DC Voltage
VDS
600
V
Maximum Gate-Drain Voltage
VGS
±30
V
Drain Current(continuous)
ID(T=25℃)
(T=100℃)
4
A
3.2
A
Drain Current(Pulsed)
(Note 1)
IDM
16
A
Single Pulse Avalanche Energy
(Note 5)
EAS
200
mJ
Peak Diode Recovery dv/dt
(Note 6)
dv/dt
5
V/ns
Total Dissipation
Ta=25℃
Ptot
2
W
TC=25℃
Ptot
30
W
Gate-Source ESD
(HBM-C=100pF,R=1.5KΩ)
VESD(G-S)
3000
V
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55~150
Maximum Temperature for Soldering
TL
300
VDSS = 600V
RDS(on) TYP)= 2 Ω
ID = 4A
TO-220F


Similar Part No. - 4NE60

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
4NE60 WXDH-4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
4NE60 WXDH-4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
4NE60 WXDH-4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
4NE60 WXDH-4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
4NE60 WXDH-4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - 4NE60

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
4NE60 WXDH-4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
4NE65 WXDH-4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
B4NE60 WXDH-B4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
B4NE65 WXDH-B4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
D4NE65 WXDH-D4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
E4NE60 WXDH-E4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
E4NE65 WXDH-E4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
I4NE60 WXDH-I4NE60 Datasheet
1Mb / 13P
4A 600V N-channel Enhancement Mode Power MOSFET
I4NE65 WXDH-I4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com