Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP28021S Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28021S
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28021S Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28021S Datasheet HTML 1Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 2Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 3Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 4Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 5Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 6Page - Lowpower Semiconductor inc LP28021S Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP28021S-00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP28021S
Functional Pin Description
Package Type
Pin Configurations
TDFN-10
GND
BAT
CHRG
STDBY
ISET
GND
NC
NC
VIN
1
2
3
4
5
6
7
8
9
10
NC
GND
11
TDFN-10
Pin Description
No.
NAME
DESCRIPTION
1/7
GND
GND is the connection to system ground.
2/8/9
NC
3
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed
for stability when there is no battery attached. When a battery is attached, only a 1uF
ceramic capacitor is required.
4
STDBY
Open-Drain Charge Status Output. When the battery is charging, this STDBY pin is
pulled High by an internal N-channel MOSFET. When the charge cycle is completed,
the pin is pulled Low.
5
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is
pulled low by an internal NMOS. When the charge cycle is completed, the pin could
be pulled High by an external pull high resistor.
6
ISET
Charge Current Program. The charge current is programmed by connecting a 1%
resistor(RISET) to ground.
10
VIN
VIN is the input power source. Connect to a wall adapter.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com