Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC240 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC240
Description  High Speed CMOS Logic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC240 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC240 Datasheet HTML 1Page - Silicon Supplies 74HC240 Datasheet HTML 2Page - Silicon Supplies 74HC240 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
d 
High Speed CMOS Logic – 74HC240
Rev 1.0
29/07/20
 
 
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Pad Layout and Functions
Truth Table
 
 
 
 
Logic Diagram
INPUTS
OUTPUTS
1OE
2OE
1A, 2A
1Y, 2Y
L
L
H
L
H
X
H
L
Z
H = High level (steady state)
L = Low level (steady state)
X = Don’t care, Z = High impedance
1950µm (76.77 mils)
0,0
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1OE
0.152
0.636
2
1A1
0.152
0.396
3
2Y4
0.300
0.142
4
1A2
0.470
0.152
5
2Y3
0.868
0.132
6
1A3
1.038
0.152
7
2Y2
1.330
0.132
8
1A4
1.709
0.142
9
2Y1
1.729
0.578
10
GND
1.729
0.812
11
2A1
1.699
1.149
12
1Y4
1.729
1.438
13
2A2
1.719
1.804
14
1Y3
1.301
1.824
15
2A3
1.062
1.804
16
1Y2
0.758
1.804
17
2A4
0.468
1.804
18
1Y1
0.142
1.662
19
2OE
0.142
1.489
20
VCC
0.142
1.005
CONNECT CHIP BACK TO VCC OR FLOAT
 
Pad 20 = VCC
Pad 10 = GND
15
14
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
11
12
13
DIE ID
Page 2 of 6 
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com