Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F7N80 Datasheet(PDF) 8 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # F7N80
Description  7A 800V N-channel Enhancement Mode Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

F7N80 Datasheet(HTML) 8 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button F7N80 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F7N80 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F7N80 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F7N80 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F7N80 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F7N80 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F7N80 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F7N80 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F7N80 Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 8 of 11
E7N80
7
Product Names Rules
8
Product Specifications and Packaging Models
Product Model
Package Type
Mark Name
RoHS
Package
Quantity
7N80
TO-220C
7N80
Pb-free
Tube
1000/box
F7N80
TO-220F
F7N80
Pb-free
Tube
1000/box
I7N80
TO-262
I7N80
Pb-free
Tube
1000/box
E7N80
TO-263
E7N80
Pb-free
Tape & Reel
800/box
Rated Voltage Code
With 2 Digital,For Example:
60 on behalf of 600V,
06 on behalf of 60v
Special Function Code
E on behalf of build-in ESD
Nothing on behalf of not ESD
Packaging Code
220F: F
220: Nothing
251:
B
252:
D
262:
I
263:
E
Rated Current Code
With 1-2 Digital,
For Example:
4 on behalf of 4A,
10 on behalf of 10A,
08 on behalf of 0.8A
Channel Polarity Code
N on behalf of N channel
P on behalf of P channel
F X X N E X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com