Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5NE60C Datasheet(PDF) 2 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 5NE60C
Description  4.5A 600V N-channel Enhancement Mode Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

5NE60C Datasheet(HTML) 2 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  5NE60C Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 5NE60C Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 2 of 13
F5NE60C
4.2 Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance Junction to Case-sink
RthJC
4.17
℃/W
Thermal Resistance Junction to Ambient
RthJA
62.5
℃/W
4.3 Electrical Characteristics(Tc=25℃,unless otherwise noted)
Parameter
Symbol
Test Condition
Value
Units
Min
Typ
Max
Off Characteristics
Drain-source Breakdown
Voltage
BVDSS
ID=250μA,VGS=0V
600
--
--
V
Drain-to-Source Leakage
Current
IDSS
VDS=600V,VGS=0V,TC=25℃
--
--
1
μA
VDS=480V,VGS=0V,TC=125℃
--
--
100
μA
Gate-to-Source
Forward
Leakage
IGSSF
VGS=+20V
--
--
10
μA
Gate-to-Source
Reverse
Leakage
IGSSR
VGS=-20V
--
--
-10
μA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
2
--
4
V
Drain-source on
Resistance
RDS(on)
VGS=10V,ID=2.25A
--
2
2.5
Ω
Dynamic Characteristics
(Note 4)
Forward Transfer
Conductance
gfs
VDS=15V,ID=2.25A
--
3.5
--
S
Input Capacitance
Ciss
VGS=0V,VDS=25V,f=1.0MHz
--
554
--
pF
Output Capacitance
Coss
--
50
--
Reverse Transfer
Capacitance
Crss
--
2.2
--
Switching Characteristics
(note4)
Turn-on Delay Time
td(on)
ID=4A,
VDD=300V,
RG=10Ω
--
14
--
nS
Turn-on Rise Time
tr
--
13
--
nS
Turn-off Delay Time
td(off)
--
32
--
nS
Turn-off Fall Time
tf
--
8
--
nS
Total Gate Charge
Qg
ID=4A,VDD=300V,VGS=10V
--
13
--
nC
Gate-to-Source Charge
Qgs
--
2.7
--
Gate-to-Drain(“Miller”)
Charge
Qgd
--
5.5
--
Drain-Source Diode Characteristics
Diode Forward Voltage
(N
ote 3)
VFSD
VGS=0V,IS=4.5A
--
--
1.5
V
Diode Forward Current
(N
ote 2)
IS
--
--
4.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com