Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC95096DR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC95096DR
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC95096DR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC95096DR Datasheet HTML 1Page - Torex Semiconductor XC95096DR Datasheet HTML 2Page - Torex Semiconductor XC95096DR Datasheet HTML 3Page - Torex Semiconductor XC95096DR Datasheet HTML 4Page - Torex Semiconductor XC95096DR Datasheet HTML 5Page - Torex Semiconductor XC95096DR Datasheet HTML 6Page - Torex Semiconductor XC95096DR Datasheet HTML 7Page - Torex Semiconductor XC95096DR Datasheet HTML 8Page - Torex Semiconductor XC95096DR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
" PIN CONFIGURATION
" PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
" SELECTION GUIDE
# Ordering Information
XC9509
123456
The input for the voltage regulator block comes from VDD.
Control Methods, the MODE pin, the VD Sense pin (See the chart below)
Setting voltage and specifications of each DC/DC, VR, and VD (Based on the internal standard)
Oscillation Frequency of DC/DC :
300kHz
600kHz
1.2MHz
Package Type :
MSOP-10
USP-10
Device Orientation :
Embossed Tape : Standard Feed
Embossed Tape : Reverse Feed
% Control Methods, MODE Pins, and VD SENSE Pins
* The XC9509A to F series' MODE pin switches either the regulator block or DC/DC block to stand-by mode.
When the CE mode is off, every function except for the VD function enters into stand-by mode.
(The MODE pin does not operate independently.)
PWM Control
PFM/PWM Auto Switch
PWM Control
VDD
DCOUT
VROUT
DC/DC : OFF
DC/DC : ON
VDD
DCOUT
VROUT
VDD
DCOUT
VROUT
H
K
PWM, PFM/PWM Manual Switch
XC9509 Series
VD SENSE
VR : OFF
VR : ON
SERIES
XC9509
A
1
L
B
C
D
E
F
PIN
NUMBER
FUNCTION
PIN NAME
Power Ground
PGND
VROUT
A
D
VR Output
Switch
LX
DCOUT
DC/DC Output
MODE
CE
PVDD
VDOUT
AVDD
AGND
Mode Switch
Chip Enable
Power Supply 1
VD Input
Power Supply 2
Analog Ground
1
23
DESIGNATOR
DESCRIPTION
SYMBOL
R
L
6
5
4
3
6
C
DC/DC CONTROL METHODS
MODE PINS (H LEVEL)
MODE PINS (L LEVEL)
Semiconductor Ltd.
PGND 1
CE 2
PVDD 3
AVDD4
VDOUT5
10 LX
9 DCOUT
8 VROUT
7 MODE
6 AGND
MSOP-10(TOP VIEW)
USP-10(TOP VIEW)
PGND1
CE 2
PVDD3
AVDD4
VDOUT5
10 LX
9 DCOUT
8 VROUT
7 MODE
6 AGND
Data Sheet
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com