Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3310B6F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3310B6F
Description  High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3310B6F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3310B6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 8Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP3310-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
Preliminary Datasheet
LP3310
High Performance, Constant Current Switching
Regulator For 8PCS White LED In Series
General Description
The LP3310 is a 1.0MHz PWM boost switching
regulator designed for constant-current white LED
driver applications. The LP3310 can drive a string of
up to 8 white LEDs in series, ensuring uniform
brightness and eliminating several ballast resistors.
The LP3310 implements a constant frequency 1.0MHz
PWM control scheme. The high frequency PWM
operation also saves board space by reducing external
component sizes. To improve efficiency, the feedback
voltage is set to 250mV, which reduces the power
dissipation in the current setting resistor.
Highly integration and internal compensation network
minimizes as 5 external component counts. Optimized
operation frequency can meet the requirement of small
LC filters value and low operation current with high
efficiency.
Order Information
LP3310
F: Pb-Free
Package Type
B6: SOT23-6
QV:TDFN-6
Applications
WLED Backlight driver
OLED Backlight driver
PDA
MID/PTV
Features
Input voltage Range: 2.7V to 24V
Up to 94% efficiency
Shut-down current:<1uA
Output voltage Up to 28V
Support down to 1% Dimming Duty Cycle
Internal Compensation, Soft-start
1.0MHz fixed frequency switching
High switch on current:4A
Available in SOT23-6&TDFN-6 Package
Typical Application Circuit
VIN
EN
NC
LX
6
4
1
5
2
GND
LED+
VIN
4.7uH
C2
2.2uF
R1
12Ω
C1
10uF
FB 3
LED-
Marking Information
Device
Marking
Package
Shipping
LP3310B6F LPS
FcYWX
SOT23-6
3K/REEL
LP3310QVF LPS
FcYWX
TDFN-6
4K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP3310B6F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
LP3312 POWER-LP3312 Datasheet
383Kb / 7P
High Efficiency: 90percent
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
More results

Similar Description - LP3310B6F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Diodes Incorporated
BCR421UW6Q DIODES-BCR421UW6Q Datasheet
536Kb / 11P
Linear LED Constant Current Regulator in SOT26
Rev 1
BCR420UW6Q DIODES-BCR420UW6Q Datasheet
687Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
Rev 2
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
Tiny Package, High Performance, Constant Current Switching Regulator
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
28V, 3A Buck Constant Current Switching Regulator for White LED
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
High Performance, Constant Current Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com