Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6288 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6288 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 3 of 24
LP6288
Version 0.1 JAN.-2018
HVS
EN
BST1
BKLX1
VLI
SWI
BKO1
COMP
SWO
BKI1
GATE
VGHM
VGH
DRVP
PGND
GND
DRVN
VGL
DRN
VIN
AVDD
VGL
HVS
EN
BKI3
BKI2
VL
VIO
VIO
HAVDD
BST3
BKLX3
BKO3
SCL
SDA
Addr
Addr
BKLX1
LX1
AVDD
VGH
R7
22k
R6
51k
NTC
VL
BKO2
BKLX2
VCORE
GVOFF
GVOFF
L1
6.8uH
C2
10uF
C6
10uF
C7
1uF
C3
10uF
C4
10uF
C5
10uF
C1
10uF
CCOMP
470pF
CBST3
100nF
CBST1
100nF
L2
6.8uH
L3
6.8uH
L4
6.8uH
R1
10
C10
10uF
C9
10uF
C8
10uF
C16
10uF
C17
10uF
C21
100nF
C14
10uF
C15
10uF
C1
10nF
R4
NTC
C11
10uF
C13
10uF
C12
10uF
C20
22uF
C19
470nF
C18
47nF
RCOMP
100k
R2
2k
R3
2k
C23
470nF
C22
100nF
C24
4.7uF
R5
100k
R8
22k
LP6288
RST
RST
R9
10k
VIO
CS
RCS
0.05
R[20]=0x01H
LX1
Figure 2. Typical Application Circuit of LP6288 set External MOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com