Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6401 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6401
Description  ?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6401 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6401 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6401 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP6401F-02
2019.-10
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
数据手册 LP6401
规格参数表
VIN=12V,TA=25℃,
电气特性
符号
条件
最小
典型
最大
单位
供电电流
IQ
VOUT=5.1V
0.73
1
mA
ISW
开关电流, Iload=0A
10
20
mA
VIN 欠压锁定阈值滞后
VIN_HYS
1
V
工作频率
FSW
120
KHz
输出电压范围
VOUT
5.1
V
输出过压保护
Vout-OVP
6
V
短路保护电压
VSCP
2.3
V
热保护关断
TOTP
温度上升
150
热保护关断迟滞温度
TOTP_HYS
15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com