Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTS400S Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # MTS400S
Description  SATA III M.2 Solid State Drive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MTS400S Datasheet(HTML) 2 Page - Transcend Information. Inc.

  MTS400S Datasheet HTML 1Page - Transcend Information. Inc. MTS400S Datasheet HTML 2Page - Transcend Information. Inc. MTS400S Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Space-saving M.2 Type 2242 form factor
Up to 128GB storage capacity
Up to 530 MB/s read; 200 MB/s write
MLC NAND flash memory and DDR3
DRAM cache
Supports DevSleep ultra low power state,
S.M.A.R.T., TRIM, and NCQ commands
SSD Scope Software
Transcend SSD Scope is advanced,
user-friendly software that makes it easy to
ensure your Transcend SSD remains
healthy, and continues to run fast and
error-free by determining the condition and
optimizing the performance of your drive.
Features
SATA III M.2 Solid State Drive
M.2 SSD 400S
32GB
64GB
128GB
TS32GMTS400S
TS64GMTS400S
TS128GMTS400S
Ordering Information
Appearance
Operating Environment
Storage
Performance
Warranty
Specifications
Dimensions
Weight
42.0 mm x 22.0 mm x 3.58 mm (1.65" x 0.87" x 0.14")
5 g (0.18 oz)
Flash Type
Capacity
MLC NAND flash
32 GB/64 GB/128 GB
Interface
Bus Interface
SATA III 6Gb/s
Operating Temperature
Operating Voltage
0°C (32°F) ~ 70°C (158°F)
3.3V±5%
Read: 530 MB/s
Write: 200 MB/s
Read: 70,000 IOPS
Write: 50,000 IOPS
2,000,000 hour(s)
Certificate
Warranty
CE/FCC/BSMI/KC/RCM
Three-year Limited Warranty
Speed may vary due to host hardware, software, usage,
and storage capacity.
Sequential Read/Write
(CrystalDiskMark)
4K Random Read/Write
(IOmeter)
Mean Time Between Failures
(MTBF)
Terabytes Written (TBW)
Drive Writes Per Day
(DWPD)
Product specifications are subject to change without notice. Pictures shown may differ from actual products. When used as a storage capacity unit,
one terabyte (TB) = one trillion bytes. Total accessible capacity varies depending on operating environment.
Note
360 TB
2.5 (3 yrs)
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com