Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1024RDBUG Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # T1024RDBUG
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDBUG Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button T1024RDBUG Datasheet HTML 34Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 35Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 36Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 37Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 38Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 39Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 40Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 41Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
CPLD_RSTCON field descriptions (continued)
Field
Description
4–5
-
This field is reserved.
6
XGT1_RST
0
No reset occurs.
1
Write a logic 1 will produce 10G BASE-T PHY(AQR105) reset# signal, this bit can auto clear.
7
XGT2_RST
0
No reset occurs.
1
Write a logic 1 will produce 2.5G SGMII PHY(AQR105) reset# signal, this bit can auto clear.
3.1.6 Reset Control Register (CPLD_RSTCON2 )
Address: 0h base + 11h offset = 11h
Bit
0
1
2
3
4
5
6
7
Read
Reserved
TDMR_RST
PEX_RST
MPEX1_
RST
MPEX2_
RST
Write
w1c
w1c
w1c
w1c
Reset
0
0
0
0
0
0
0
0
CPLD_RSTCON2 field descriptions
Field
Description
0–3
-
This field is reserved.
4
TDMR_RST
0
No reset occurs.
0
Write a logic 1 will produce TDM riser card reset# signal, this bit can auto clear.
5
PEX_RST
0
No reset occurs.
1
Write a logic 1 will produce PCIe x4 slot reset# signal, this bit can auto clear.
6
MPEX1_RST
0
No reset occurs.
1
Write a logic 1 will produce miniPCIe card1 reset# signal, this bit can auto clear.
7
MPEX2_RST
0
No reset occurs.
1
Write a logic 1 will produce miniPCIe card2 reset# signal, this bit can auto clear.
CPLD Memory Map/Register Definition
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
38
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com