Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1024RDB Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # T1024RDB
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDB Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button T1024RDB Datasheet HTML 21Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 22Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 23Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024RDB Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Power to the USB ports is provided by a MAX1558H switch, which supplies 5 V at up to
1 A per port. The power enable and power-fault-detect pins are directly connected to the
T1024 processor for individual port management.
The below figure shows how the USB connectivity is implemented on the T1024RDB.
USB Type A
T1024
USB Type A
USB1_UID
USB1_UDP,UDM
USB1_VBUSCLMP
USB1_PWRFAULT
USB1_DRVVBUS
USB2_PWRFAULT
USB2_DRVVBUS
USB2_VBUSCLMP
USB2_UDP,UDM
USB2_UID
IBIAS_REXT
USB_CLKIN
T1024
INSTALLED: Host Mode (default)
90 OHm diff.imp.
INSTALLED: Host Mode (default)
10K
1%
24MHz
USB CLK
90 OHm diff.imp.
CMHD3595
CMHD3595
5V0
MAX1558H
Figure 2-15. USB connectivity implementation
2.15 UART
The T1024 processor has two UART controllers, which provides a RS-232 standard
interconnection between the board and an external host. The serial connection is typically
configured to run at 11.5 Kbit/s.
Each UART supports:
• Full-duplex operation
• Software-programmable baud generators
• Clear-to-send (CTS) and ready-to-send (RTS) modem control functions
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com