Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

392 Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 392
Description  Handheld Digital Multimeters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

392 Datasheet(HTML) 2 Page - B&K Precision Corporation

  392 Datasheet HTML 1Page - B&K Precision Corporation 392 Datasheet HTML 2Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.bkprecision.com
High Performance DMM
Test Bench® Series
v041317
Specifications
392 & 393
391A
390A
389A
388B
Current
Ranges
600 µA, 6000 µA, 60 mA, 400 mA, 20 A*
200 µA, 2 mA, 20 mA, 200 mA, 20 A*
400 µA, 4 mA, 40 mA, 400 mA, 20 A*
400 mA, 4 mA, 40 mA, 400 mA, 2 A, 20 A*
Resolution
10 nA, 100 nA, 1 µA, 10 µA, 1 mA
10 nA, 100 nA, 1 µA, 10 µA, 1 mA
0.1 µA, 1 µA, 10 µA, 100 µA, 10 µA
100 nA, 1 µA, 10 µA,100 µA,1 mA,10 mA
DC Accuracy
600 µA to 60 mA: ±(0.5% rdg + 10 dgt)
400 mA: ±(1.0% rdg + 10 dgt)
20 A: ±(2.0% rdg + 10 dgt)
200 µA to200 mA:±(0.5% rdg + 5 dgt)
20 A: ±(2% rdg + 10 dgt)
400 µA - 400 mA:±(1% rdg +
5 dgt)
20 A: ±(2% rdg + 3 dgt)
±(1% rdg + 1 dgt)
±(2% rdg + 3 dgt)
400 µA - 400 mA: ±(1% rdg + 1 dgt)
2 A: ±(1.5% rdg + 1 dgt)
20 A: ±(3% rdg + 3 dgt)
AC Accuracy
600 µA to 400 mA: ±(1.5% rdg + 20 dgt)
20 A: ±(2.5% rdg + 20 dgt)
200 µA to200 mA:±(1.2% rdg + 10 dgt)
20 A: ±(2.5% rdg + 20 dgt)
400 µA to 400 mA:±(1.5% rdg + 4 dgt)
20 A: ±(2.5% rdg + 4 dgt)
400 µA - 400 mA:±(1.5% rdg + 1 dgt)
2 A: ±(2% rdg + 4 dgt)
20 A: ±(3.5% rdg + 4 dgt)
Input Protection
µA/mA input: 0.5A/100V fast blow ceramic fuse
20A input: 20A/600A fast blow ceramic fuse
µA/mA input:0.5 A/500 V fast blow ceramic fuse
20 A input: 20 A/600 A fast blow ceramic fuse
µA/mA input: 2 A/600 V fast blow ceramic fuse
20 A input: 20 A/600 V fast blow ceramic fuse
Max. Burden Voltage
500 mV on 600 µA & 60 mA ranges,
2 V on 6000 µA range
600 mV (900 mV on 20 A range)
500 mV (2 V on 4 mA, 400 mA ranges)
600 mV (900 mV on 2 A, 20 A ranges)
Resistance
Ranges
600
Ω, 6 kΩ, 60 kΩ, 600 kΩ, 6 MΩ, 60 MΩ 200 Ω;2 kΩ,20 kΩ,200 kΩ;2 MΩ,20 MΩ
400
Ω, 4 kΩ, 40 kΩ, 400 kΩ, 4 MΩ, 40 MΩ
Resolution
10 m
Ω, 100 mΩ, 1 Ω, 10 Ω, 100 Ω, 1 kΩ
10 m
Ω,100 mΩ,1 Ω,10 Ω,100 Ω,1 kΩ
100 m
Ω, 1 Ω, 10 Ω, 100 Ω, 1 kΩ, 10 kΩ
Accuracy
600
Ω: ±(0.3% rdg + 20 dgt),
6 k
Ω to 6 MΩ: ±(0.3% rdg + 10 dgt),
6 M
Ω: ±(1.0% rdg + 10 dgt),
60 M
Ω: ±(3.0% rdg + 20 dgt)
200
Ω, 2 MΩ: ±(0.25% rdg + 10 dgt)
2 k
Ω to 200 kΩ: ±(0.15% rdg + 3 dgt)
20 M
Ω: ±(1.0% + 10 dgt)
400
Ω to 400 kΩ: ±(0.5% rdg + 4 dgt)
4 M
Ω: ±(1% rdg + 5 dgt)
40 M
Ω: ±(2% rdg + 5 dgt)
400
Ω: ±(1% rdg + 4 dgt)
4 k
Ω to 4 MΩ: ±(0.8% rdg + 4 dgt)
40 M
Ω: ±(2% rdg + 5 dgt)
Open Circuit Voltage
-1.2 VDC typical,
-3.0 VDC typical on 600
Ω range
3.2 VDC typical
-0.45 VDC typ. (-1.2 VDC on 400
Ω range)
0.6 VDC typ. (3.2 VDC on 400
Ω range)
Overload Protection
600 VDC or 600 VAC rms
500 VDC or 500 AC rms
Diode Test
Tested at 0.5 mA, 2 VDC max. typical
±(2.0% rdg + 10 dgt) accuracy
Tested at 1 mA, 3.2 VDC max. typical
±(1% rdg + 10 dgt) accuracy
Tested at 1.2 mA, 3.0 VDC max. typical
±(1.5% rdg + 3 dgt) accuracy
Tested at 1 mA, 3.2 VDC max. typical
±(1.5% rdg + 3 dgt) accuracy
Transistor Test (hFE)
Does not apply
Does not apply
Does not apply
hFE range: 0 - 1000,hFE base current:10 µADC
Capacitance
Ranges
6 nF, 60 nF, 600 nF, 6 µF, 60 µF, 600 µF, 6 mF
-
4 nF. 40 nF, 400 nF, 4 µF, 40 µF, 400 µF, 4 mF, 40 mF
4 nF. 40 nF, 400 nF, 4 µF, 40 µF
Resolution
1 pF, 10 pF, 100 pF, 1 nF, 10 nF, 100 nF, 1 µF
-
1 pF, 10 pF, 100 pF, 1 nF, 10 nF, 100 nF, 1 µF, 10 µF
0.1 pF, 1 pF, 10 pF, 100 pF, 1 nF
Accuracy
6 nF: ±(3% rdg+30 dgt), 60 nF to 600 µF: ±(3%
rdg +10dgt), 6 mF: ±(5% rdg+10 dgt)
-
4 nF: ±(3% rdg+20 dgt) 4 nF to 40 µF: ±(3% rdg +5dgt)
400 µFto 40 mF: ±(5% rdg + 10 dgt)
±(3% rdg + 4 dgt)
Test Voltage
<1 V
-
<1V
<3.5 V
Overload Protection
600 VDC or 600 VAC rms
-
500 VDC or AC rms
Frequency
Ranges
60 Hz, 400 Hz, 6 kHz, 60 kHz,
600 kHz, 6 MHz, 10 MHz
2 kHz, 20 kHz, 200 kHz
4 kHz, 40 kHz, 400 kHz, 4 MHz, 40 MHz
4 kHz, 40 kHz, 400 kHz, 4 MHz
Resolution
0.0001Hz, 0.01 Hz, 0.1 Hz, 1 Hz,
10 Hz, 100 Hz, 1 kHz
0.1 Hz, 1 Hz, 10 Hz
1 Hz, 10 Hz, 100 Hz, 10 kHz, 100 kHz
1 Hz, 10 Hz, 100 Hz, 10 kHz
Accuracy
±(0.1% rdg + 10 dgt)
±(0.1% rdg + 3 dgt)
±(0.1% rdg + 3 dgt)
±(0.25% + 4 dgt)
±(0.1% + 2 dgt)
Sensitivity
>100 ns
50 mVrms min. (At>30 & <70% duty
cycle: 400 mVrms min.)
1 Hz - 4 MHz: 1Vrms
4 MHz - 40 MHz: >2 Vrms, <5 Vrms
250 mVrms min. on 10 Hz to 1 MHz
500 mVrms min. on 1 MHz to 4 MHz
Minimum Pulse Width
>25 ns
>25 ns
>25 ns
>2 µs
Duty Cycle Limits
>30% & <70%
>30% & <70%
>30% & <70%
Minimum Input Range
>0 Hz
2kHz:10Hz:20kHz:>60dgt; 200kHz>60dgt
-
-
-
Overload Protection
600 VDC or 600 VAC rms
500 VDC or 500 AC rms
Logic Test
Logic Threshold
-
Hi: 2.8±0.8 V, Lo: 0.8 ± 0.5 V
-
-
Hi: 2.8±0.8 V, Lo: 0.8 ± 0.5 V
Frequency Response
-
20 MHz
-
-
20 MHz
Pulse Width
-
25 ns
-
-
25 ns
Pulse Limits
-
>20% and <80%
-
-
>20% and <80%
Indication
-
40 ms beep at logic 1 (Hi)
-
-
40 ms beep at logic 1 (Hi)
Overload Protection
-
500 V DC or 500 AC rms
-
-
500 V DC or 500 AC rms
Temperature
Range, Resolution
-58° to +2372°F, 0.1F°,
(-50°to + 1300°C, 0.1C°)
-
-58° to +2372°F, 1F°,
(-50°to + 1300°C, 1C°)
-
-
Accuracy
±(2.0% rdg + 6°F) -58°F to 32°F & 750°F to 2372°F,
±(1.0% rdg + 2°F) 32°F to 750°F
±(2.0% rdg + 3°C) -50° to 0°C & 400°C to 1300°C,
±(1.0% rdg + 1°C) 0°C to 400°C
-
±(0.8% rdg + 2°C) -50° - 400°C,
±(1% rdg + 2°C) 400° - 1300°C
-
-
Duty Cycle
Range, Resolution
5 to 95%, 0.1%
0 to 90%, 0.1%
-
-
-
Accuracy (5V logic)
±(2.0% rdg + 10 dgt)
±(2.0% rdg + 10 dgt)
-
-
-
Minimum Pulse Width
10 µs
10 µs
-
-
-
Frequency Range
40 Hz to 20 kHz
40 Hz to 20 kHz
-
-
-
Overload Protection
600 VDC or 600 VAC rms
500 VDC or 500 AC rms
-
-
-
General
Display
60000 count, 4 5/6 digit LCD
20000 count, 4 1/2 digit LCD
4000 count, 3 3/4 digit LCD with 41 segment analog bar graph
4000 count, 3 3/4 digit LCD
Polarity
Automatic, positive implied, negative polarity indication
Operating Temperature
32° to 122° (0˚ to 50˚C), 0 to 70% R.H.
Dimensions (HxWxD)
7.8 x 3.5 x 1.57" (198 x 90 x 40 mm)
Weight
14.1 oz. (400 g)
11.3 oz. (320 g)
Three-Year Warranty
Included Accessories
9 V battery, test leads, instruction manual, thermocouple probe (models 390A, 392, & 393), software and USB interface cable (models 390A & 393)
* 10 A continuous, 20 A for 30 seconds maximum



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com