Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASTM5116 Datasheet(PDF) 1 Page - 3M Electronics

Part # ASTM5116
Description  3M™ Thermally Conductive Epoxy Adhesive TC-2707
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

ASTM5116 Datasheet(HTML) 1 Page - 3M Electronics

  ASTM5116 Datasheet HTML 1Page - 3M Electronics ASTM5116 Datasheet HTML 2Page - 3M Electronics ASTM5116 Datasheet HTML 3Page - 3M Electronics ASTM5116 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M™ Thermally Conductive Epoxy Adhesive TC-2707
Product Description
3M™ Thermally Conductive Epoxy Adhesive TC-2707 is a thermally conductive 2-part epoxy using aluminum metal
filler for good thermal conductivity with high adhesion.
Key Features
•
High adhesive strength
•
Slight tack allows pre-assembly
•
Good surface wet out
•
Low viscosity for potting applications
•
Good gap filling
•
Thin bonding line
•
Good thermal conductivity (0.72 W/m-K)
•
Low Cl ion content and outgassing
•
Thermally and electrically conductive
Typical Uncured Properties
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes.
*Viscosity it measured 40mm, 2°cone at 10 1/sec.
Applications
•
LED Assembly
•
Thermal fixing battery cell and thermal management for EV/HEV battery
•
Potting applications
•
General gap filling
Application Techniques and Product Use
For bonding rigid to rigid parts, it is suggested that the bond line thickness and edge fill be designed to optimize:
3M™ Thermally Conductive Epoxy Adhesive TC-2707
Property
Value
*Viscosity
Base
Accelerator
Mixed
95,00 cps
25,000 cps
60,000 cps
Base Resin
Base
Accelerator
Epoxy
Amine
Filler
Aluminum
50% by weight
Mix Ratio
Volume
(B:A)
Weight
2:1
2.00:0.96
Worklife
60 minutes at 23°C (72°F)
Technical Data | September 2018


Similar Part No. - ASTM5116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASTM565-66T ETC2-ASTM565-66T Datasheet
24Kb / 3P
Beryllium Oxide Ceramic
More results

Similar Description - ASTM5116

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9882 3M-9882 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
8940 3M-8940 Datasheet
77Kb / 4P
3M™ Thermally Conductive Adhesive Tape 8940 / 8943
04-Nov-2007
logo
List of Unclassifed Man...
LB-EA-1805 ETC2-LB-EA-1805 Datasheet
333Kb / 2P
Thermally Conductive, Two-Part,Liquid Epoxy Adhesive
logo
TE Connectivity Ltd
10K3A1 TEC-10K3A1 Datasheet
113Kb / 5P
Thermally conductive epoxy coating
10K3A1AM TEC-10K3A1AM Datasheet
110Kb / 4P
Thermally conductive epoxy coating
2.2K3A1I TEC-2.2K3A1I Datasheet
119Kb / 4P
Thermally conductive epoxy coating
logo
3M Electronics
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
EC-2615 3M-EC-2615 Datasheet
116Kb / 5P
3M Scotch-WeldTM Epoxy Adhesive
TC-2810 3M-TC-2810 Datasheet
234Kb / 4P
3M??Thermally Conductive Epoxy Adhesive TC-2810
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com