Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1672 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 1672
Description  Triple Output DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

1672 Datasheet(HTML) 3 Page - B&K Precision Corporation

  1672 Datasheet HTML 1Page - B&K Precision Corporation 1672 Datasheet HTML 2Page - B&K Precision Corporation 1672 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
w w w.bk prec ision.c om
Triple Output DC Power Supplies
Models 1672 & 1673
v043014
Specifications
Model
1672
1673
Output Parameters
Number of Outputs
Three (two variable and one fixed)
Range
0 to 32 VDC / 0 to 3 A (variable)
and 5 V / 3 A (fixed)
0 to 32 VDC / 0 to 6 A (variable)
and 5 V / 3 A (fixed)
Constant Voltage Mode(variable outputs)
Line Regulation
<0.01% + 5 mV
Load Regulation
<0.2% + 10 mV
<0.55% + 10 mV
Ripple & Noise
<1 mVrms
<1 mVrms (independent/master)
<4 mVrms (slave)
Constant Current Mode (variable outputs)
Line Regulation
<0.2% + 5 mA
Load Regulation
<0.2% + 8 mA
0.4% + 8 mA
Ripple & Noise
<3 mArms
Tracking Operation
Slave Tracking Error
< 0.5%+3 digits of the master
5V Fixed Output
Voltage Accuracy
5 V ± 0.25 V
Ripple & Noise
<1 mVrms
Display
Voltage
3 digits 0.56” Green LED
Current
3 digits 0.56” Red LED
Accuracy
<0.1% + 3 digits
General
AC Input
115/230 V ± 10%, 50/60 Hz ± 10%
Operating Temperature
50 °F to 104 °F (10 °C to 40 °C)
Humidity
90% R.H.
Temperature Coefficient
<300PPM / C° (voltage and current)
Dimensions (W x H x D)
9” x 6.7” x 12.2” (230 x 170 x 310 mm)
Weight
12.6 lbs (5.7 kg)
19.8 lbs (9.0 kg)
Two-Year Warranty
Included Accessories
Power cord, instruction manual, two pairs of test leads
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes over the ambient temperature range of 25º C ± 5º C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com