Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1685B Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 1685B
Description  Switching DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

1685B Datasheet(HTML) 3 Page - B&K Precision Corporation

  1685B Datasheet HTML 1Page - B&K Precision Corporation 1685B Datasheet HTML 2Page - B&K Precision Corporation 1685B Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
w w w.bk prec ision.c om
Switching DC Power Supplies
Models 1685B, 1687B & 1688B
v0
80619
Specifications
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes over an ambient temperature range of 23 °C ± 5 °C.
M odel s
16 85 B
16 87B
1 68 8B
Out put
Variable Output Voltage
1 – 60 V
1 – 36 V
1 – 18 V
Variable Output Current
0 – 5 A
0 – 10 A
0 – 20 A
Vol tage Regulatio n
Load (0-100% Load)
≤ 50 mV
Line (90-132 VAC, 170-264 VAC Variation)
≤ 20 mV
Curren t Regulati on
Load (10-90% Rated Voltage)
≤ 100 mA
Line (90-132 VAC, 170-264 VAC Variation)
≤ 50 mA
Ri ppl e & Noi se
Ripple & Noise Voltage (rms)
≤ 5 mV
Ripple & Noise Voltage (peak-peak)
≤ 50 mV
Current Ripple & Noise (rms)
≤ 30 mA
Me ter Type & Accuracy
Voltage Meter
3-Digit LED Display ± 0.2% + 3 counts
Current Meter
3-Digit LED Display ± 0.2% + 3 counts
Othe r
Input Voltage
100-240 VAC 50/60 Hz
Full Load Input Current
3.7 A (100 VAC)
1.7 A (230 VAC)
4.6 A (100 VAC)
2.1 A (230 VAC)
4.6 A (100 VAC)
2.1 A (230 VAC)
Efficiency
82% (100 VAC)
86% (230 VAC)
82% (100 VAC)
86% (230 VAC)
81% (100 VAC)
85% (230 VAC)
Switching Frequency
100 – 120 kHz
Tracking Overvoltage Protections
O/P 1-5 V: set voltage +2 V
O/P 5-20 V: set voltage +3 V
O/P 20-60 V: set voltage +4 V
O/P 1-5 V: set voltage +2 V
O/P 5-20 V: set voltage +3 V
O/P 20-36 V: set voltage +4 V
O/P 1-5 V: set voltage +2 V
O/P 5-18 V: set voltage +3 V
Transient Response Time (50-100% Load)
1.5 ms
Power Factor Correction
> 0.95 at optimal load
Cooling Method
Thermostatically controlled fan from zero to full speed
Protections
Overload, Overvoltage, Overtemperature
Special Features
3 User-Defined Voltage and Current Presets, Analog Remote Control
External Timed Programming
Max. 20 voltage and current steps
Max. 99 min + 59 sec step time
Max. 999 running cycles
Gen eral
Operating Temperature
32 °F to 104 °F (0 °C to 40 °C) ≤ 80% R.H.
Storage Temperature
5 °F to 158 °F (-15 °C to 70 °C) ≤ 85% R.H.
Dimensions (WxHxD)
7.9” x 3.5” x 8.2” (200 x 90 x 208 mm)
Weight
5.2 lbs (2.4 kg)
Two Year Warranty
Supplied accessories
Power cord, instruction manual, USB cable, remote control connector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com