Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP293 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP293
Description  Infrared LED & Photo Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP293 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP293 Datasheet HTML 1Page - Toshiba Semiconductor TLP293 Datasheet HTML 2Page - Toshiba Semiconductor TLP293 Datasheet HTML 3Page - Toshiba Semiconductor TLP293 Datasheet HTML 4Page - Toshiba Semiconductor TLP293 Datasheet HTML 5Page - Toshiba Semiconductor TLP293 Datasheet HTML 6Page - Toshiba Semiconductor TLP293 Datasheet HTML 7Page - Toshiba Semiconductor TLP293 Datasheet HTML 8Page - Toshiba Semiconductor TLP293 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLP293
1
Photocouplers Infrared LED & Photo Transistor
TLP293
TLP293
TLP293
TLP293
Start of commercial production
2013-09
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Switching Power Supplies
•
Programmable Logic Controllers (PLCs)
•
I/O Interface Boards
2.
2.
2.
2. General
General
General
General
TLP293 is a low input and high isolation type photocoupler that consists of a phototransistor optically coupled
to an infrared LED in a SO4 package.
Since TLP293 is guaranteed high isolation voltage (3750 Vrms) and wide operating temperature (Ta = -55 to 125
), it is suitable for high density surface mounting applications such as programmable controllers.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Collector-emitter voltage: 80 V (min)
(2)
Current transfer ratio: 50 % (min) (@IF = 0.5 mA, VCE = 5 V)
GB Rank: 100 % (min) (@IF = 0.5 mA, VCE = 5 V)
(3)
Isolation voltage: 3750 Vrms (min)
(4)
Operating temperature: -55 to 125 
(5)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Thailand Factory
Note 1: When a VDE approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-3C1
1: Anode
2: Cathode
3: Emitter
4: Collector
2019-11-29
Rev.6.0
©2016-2019
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP293

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP293-4 TOSHIBA-TLP293-4 Datasheet
720Kb / 12P
TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
More results

Similar Description - TLP293

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
TLP853 TOSHIBA-TLP853 Datasheet
373Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTODARLINGTON TRANSISTOR
logo
KODENSHI_AUK CORP.
KEL-0315C KODENSHI-KEL-0315C Datasheet
128Kb / 2P
Touch Screen Infrared LED & Photo Transistor
logo
Toshiba Semiconductor
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
INFRARED LEDPHOTO TRANSISTOR
TLP387 TOSHIBA-TLP387 Datasheet
525Kb / 14P
Infrared LED & Photo Transistor
TLP182 TOSHIBA-TLP182 Datasheet
662Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP627M TOSHIBA-TLP627M Datasheet
429Kb / 18P
Photocouplers Infrared LED & Photo Darlington Transistor
Rev.1.0
TLP187 TOSHIBA-TLP187 Datasheet
273Kb / 9P
Photocouplers Infrared LED & Photo Transistor
Rev.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com