Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP1208TEL Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # TLP1208TEL
Description  Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP1208TEL Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  TLP1208TEL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP1208TEL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP1208TEL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved TLP1208TEL Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switches
Two-position on/off power switch
Diagnostic LED Details
Built-in LEDs confirm suppressor "protection present" (green) and "grounded" (red) status
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
2160
AC Suppression Response Time
< 1 ns
Protection Modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping Voltage (RMS)
150
UL1449 Let Through Rating
330V L-G, 400V L-N, 400V N-G
EMI / RFI Filtering
Up to 40 dB
Automatic Shut-Off
Yes
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Telephone/DSL Protection Details
1 line
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Anti-Microbial Protective Coating
No
Color
Black
Color (AC Line Cord)
Black
Housing Color
Silver
Integrated Keyhole Mounting Slots
Yes
Keyhole Slot Mounting
Measurement (Center to Center)
Distance between horizontal tabs = 152mm; Distance between vertical tabs = 73.5mm
Material of Construction
Plastic
Outlets Measurement (Center to
Center)
Distance between standard outlets = 25.4mm; Distance between transformer outlets = 57mm
Receptacle Color
Black
Shipping Dimensions (hwd / cm)
34.54 x 6.10 x 22.35
Shipping Dimensions (hwd / in.)
13.60 x 2.40 x 8.80
Shipping Weight (kg)
1.13
Shipping Weight (lbs.)
2.50
Unit Dimensions (hwd / cm)
3.91 x 6.91 x 26.16
Unit Dimensions (hwd / in.)
1.54 x 2.72 x 10.30
Unit Weight (kg)
0.95
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com