Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C331MPFS18A-166TQI Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C331MPFS18A-166TQI
Description  3.3V 1M x 18 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MPFS18A-166TQI Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C331MPFS18A-166TQI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MPFS18A-166TQI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MPFS18A-166TQI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MPFS18A-166TQI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MPFS18A-166TQI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MPFS18A-166TQI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MPFS18A-166TQI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MPFS18A-166TQI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MPFS18A-166TQI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C331MPFS18A
12/23/04, v 2.6
Alliance Semiconductor
1 of 19
3.3V 1M x 18 pipelined burst synchronous SRAM
Features
• Organization: 1,048,576 x18 bits
• Fast clock speeds to 166MHz
• Fast clock to data access: 3.4/3.8 ns
•Fast OE access time: 3.4/3.8 ns
• Fully synchronous register-to-register operation
• Single-cycle deselect
• Asynchronous output enable control
• Available 100-pin TQFP package
• Individual byte write and global write
• Multiple chip enables for easy expansion
• 3.3 V core power supply
• 2.5 V or 3.3V I/O operation with separate VDDQ
• Linear or interleaved burst control
• Common data inputs and data outputs
• Snooze mode for reduced power-standby
Logic block diagram
Selection guide
-166
-133
Units
Minimum cycle time
6
7.5
ns
Maximum clock frequency
166
133
MHz
Maximum clock access time
3.4
3.8
ns
Maximum operating current
290
270
mA
Maximum standby current
90
80
mA
Maximum CMOS standby current (DC)
60
60
mA
Burst logic
ADV
ADSC
ADSP
CLK
LBO
CLK
CLR
CS
20
18
20
A[19:0]
20
Address
D
Q
CS
CLK
register
1M x 18
Memory
array
18
18
DQb
CLK
DQ
Byte Write
registers
DQa
CLK
DQ
Byte Write
registers
Enable
CLK
DQ
register
Enable
CLK
DQ
delay
register
CE
Output
registers
Input
registers
Power
down
DQ[a,b]
2
CE0
CE1
CE2
BWb
BWa
OE
ZZ
OE
CLK
CLK
BWE
GWE
18


Similar Part No. - AS7C331MPFS18A-166TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C331MPFS32A ALSC-AS7C331MPFS32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A-133TQC ALSC-AS7C331MPFS32A-133TQC Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A-133TQCN ALSC-AS7C331MPFS32A-133TQCN Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A-133TQI ALSC-AS7C331MPFS32A-133TQI Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A-133TQIN ALSC-AS7C331MPFS32A-133TQIN Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
More results

Similar Description - AS7C331MPFS18A-166TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C251MPFD18A ALSC-AS7C251MPFD18A Datasheet
509Kb / 19P
2.5V 1M x 18 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MPFS18A ALSC-AS7C251MPFS18A Datasheet
509Kb / 19P
2.5V 1M x 18 pipelined burst synchronous SRAM
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
3.3V 1M x 18 Pipelined SRAM with NTD
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A ALSC-AS7C331MPFS32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33512NTD18A ALSC-AS7C33512NTD18A Datasheet
439Kb / 19P
3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com