Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C331MPFS32A-166TQC Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # AS7C331MPFS32A-166TQC
Description  3.3V 1M x 32/36 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MPFS32A-166TQC Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS7C331MPFS32A-166TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 16Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
®
AS7C331MPFS32A
AS7C331MPFS36A
12/23/04, v.2.9
Alliance Semiconductor
12 of 19
Timing waveform of write cycle
Note: Ý = XOR when LBO = high/no connect; Ý = ADD when LBO = low.
tCYC
tCL
tADSPS
tADSPH
tADSCS
tADSCH
tAS
tAH
tWS
tWH
tCSS
tADVS
tDS
tDH
CLK
ADSP
ADSC
Address
BWE
CE0, CE2
ADV
OE
Din
tCSH
tADVH
D(A2Ý01)
D(A2Ý10)
D(A3)
D(A2)
D(A2Ý01)
D(A3Ý01)
D(A3Ý10)
D(A1)
D(A2Ý11)
ADV SUSPENDS BURST
ADSC LOADS NEW ADDRESS
A1
A2
A3
tCH
CE1
BW[a:d]
Read
Q(A1)
Sus-
pend
Write
D(A1)
Read
Q(A2)
Suspend
Write
D(A 2)
ADV
Burst
Write
D(A 2Ý01)
Suspend
Write
D(A 2Ý01)
ADV
Burst
Write
D(A 2Ý10)
Write
D(A 3)
Burst
Write
D(A 3Ý01)
ADV
Burst
Write
D(A 2Ý11)
ADV
Burst
Write
D(A 3Ý10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com