Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP13636 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP13636
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP13636 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP13636 Datasheet HTML 1Page - Vishay Siliconix TSOP13636 Datasheet HTML 2Page - Vishay Siliconix TSOP13636 Datasheet HTML 3Page - Vishay Siliconix TSOP13636 Datasheet HTML 4Page - Vishay Siliconix TSOP13636 Datasheet HTML 5Page - Vishay Siliconix TSOP13636 Datasheet HTML 6Page - Vishay Siliconix TSOP13636 Datasheet HTML 7Page - Vishay Siliconix TSOP13636 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSOP132.., TSOP134.., TSOP136..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 16-Dec-2019
1
Document Number: 82806
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
ADDITIONAL RESOURCES
FEATURES
• Improved dark sensitivity
• Improved immunity against optical noise
• Improved immunity against Wi-Fi noise
• Low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Insensitive to supply voltage ripple and noise
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
MECHANICAL DATA
Pinning for TSOP13...:
1 = OUT, 2 = GND, 3 = VS
DESCRIPTION
The TSOP13... series devices are the latest generation miniaturized IR receiver modules for infrared remote control systems.
This series provides improvements in sensitivity to remote control signals in dark ambient as well as in sensitivity in the presence
of optical disturbances e.g. from CFLs. The robustness against spurious pulses originating from Wi-Fi signals has been
enhanced.
The devices contain a PIN diode and a preamplifier assembled on a lead frame. The epoxy package contains an IR filter. The
demodulated output signal can be directly connected to a microprocessor for decoding.
The TSOP132.., TSOP134.., and TSOP136.. series devices are designed to receive long burst codes (10 or more carrier cycles
per burst). The third digit designates the AGC level (AGC2, AGC4, or AGC6) and the last two digits designate the band-pass
frequency (see table below). The higher the AGC, the better noise is suppressed, but the lower the code compatibility. AGC2
provides basic noise suppression, AGC4 provides enhanced noise suppression and AGC6 provides maximized noise
suppression. Generally, we advise to select the highest AGC that satisfactorily receives the desired remote code.
These components have not been qualified to automotive specifications.
Note
• 30 kHz and 33 kHz only available on written request
23051
333
DDD3 D
3D Models
PARTS TABLE
AGC
BASIC NOISE SUPPRESSION
(AGC2)
ENHANCED NOISE SUPPRESSION
(AGC4)
MAXIMIZED NOISE SUPPRESSION
(AGC6)
Carrier
frequency
30 kHz
TSOP13230
TSOP13430
TSOP13630
33 kHz
TSOP13233
TSOP13433
TSOP13633
36 kHz
TSOP13236
TSOP13436 (2)(5)(7)
TSOP13636 (6)
38 kHz
TSOP13238
TSOP13438 (3)(4)(10)(11)
TSOP13638
40 kHz
TSOP13240 (12)
TSOP13440
TSOP13640
56 kHz
TSOP13256 (1)
TSOP13456 (9)
TSOP13656 (8)
Package
Minimold
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
5.4 W x 6.35 H x 4.9 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) Cisco (2) MCIR (3) Mitsubishi (4) NEC (5) Panasonic (6) RC-5 (7) RC-6
(8) RCA (9) r-step (10) Sejin 4PPM (11) Sharp (12) Sony


Similar Part No. - TSOP13636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP13636P10TR VISHAY-TSOP13636P10TR Datasheet
405Kb / 13P
IR Receiver Modules for Remote Control Systems
28-Sep-2022
More results

Similar Description - TSOP13636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com