Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3DI8 Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3DI8
Description  Modicon TM3 - 8 inputs (screw) 24Vdc
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3DI8 Datasheet(HTML) 1 Page - Schneider Electric

  TM3DI8 Datasheet HTML 1Page - Schneider Electric TM3DI8 Datasheet HTML 2Page - Schneider Electric TM3DI8 Datasheet HTML 3Page - Schneider Electric TM3DI8 Datasheet HTML 4Page - Schneider Electric TM3DI8 Datasheet HTML 5Page - Schneider Electric TM3DI8 Datasheet HTML 6Page - Schneider Electric TM3DI8 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Characteristics
TM3DI8
Modicon TM3 - 8 inputs (screw) 24Vdc
Product availability: Stock - Normally stocked in distribution facility
Price*: 109.00 USD
Main
Range of product
Modicon TM3
Product or component type
Discrete input module
Range compatibility
Modicon M241
Modicon M251
Modicon M221
Modicon M262
Discrete input number
8 input IEC 61131-2 Type 1
Discrete input logic
Sink or source (positive/negative)
Discrete input voltage
24 V
Discrete input current
7 MA input
Complementary
Discrete I/O number
8
Current consumption
5 mA 5 V DC via bus connector at state off)
0 mA 24 V DC via bus connector at state on)
0 mA 24 V DC via bus connector at state off)
24 mA 5 V DC via bus connector at state on)
Discrete input voltage type
DC
Voltage state 1 guaranteed
15...28.8 V input
Current state 1 guaranteed
>= 2.5 mA input)
Voltage state 0 guaranteed
0...5 V input
Current state 0 guaranteed
<= 1 mA input)
Input impedance
3.4 kOhm
Response time
4 ms turn-on)
4 ms turn-off)
Local signalling
Input status 1 LED per channel green)
Electrical connection
11 x 2.5 mm² removable screw terminal block pitch 5.08 mm for inputs
Maximum cable distance between devices
Unshielded cable <98.43 ft (30 m) regular input
Insulation
Between input and internal logic 500 V AC
Non-insulated between inputs
Marking
CE
Aug 24, 2020
1


Similar Part No. - TM3DI8

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3DI8 SCHNEIDER-TM3DI8 Datasheet
154Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (screw) 24 VDC
Apr 4, 2022
TM3DI8A SCHNEIDER-TM3DI8A Datasheet
153Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (screw) 120 VAC
Apr 4, 2022
TM3DI8G SCHNEIDER-TM3DI8G Datasheet
155Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3DI8 SCHNEIDER-TM3DI8_V01 Datasheet
154Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (screw) 24 VDC
Apr 4, 2022
More results

Similar Description - TM3DI8

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI4 SCHNEIDER-TM3AI4_V01 Datasheet
147Kb / 8P
Analog input module, Modicon TM3, 4 inputs (screw) 24 VDC
Apr 4, 2022
TM3AI8 SCHNEIDER-TM3AI8_V01 Datasheet
143Kb / 8P
Analog input module, Modicon TM3, 8 inputs (screw) 24 VDC
Apr 4, 2022
TM3DI16 SCHNEIDER-TM3DI16_V01 Datasheet
154Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (screw) 24 VDC
Apr 4, 2022
TM3DI8A SCHNEIDER-TM3DI8A Datasheet
153Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (screw) 120 VAC
Apr 4, 2022
TM3DI8G SCHNEIDER-TM3DI8G Datasheet
155Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3DI8 SCHNEIDER-TM3DI8_V01 Datasheet
154Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (screw) 24 VDC
Apr 4, 2022
TM3DQ8T SCHNEIDER-TM3DQ8T Datasheet
154Kb / 8P
Discrete output module, Modicon TM3, 8 outputs transistor PNP (screw)
Apr 4, 2022
TM3TI4 SCHNEIDER-TM3TI4_V01 Datasheet
157Kb / 9P
Analog input module, Modicon TM3, 4 / temperature inputs (screw) 24 VDC
Apr 4, 2022
TM3TI8T SCHNEIDER-TM3TI8T Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 8 temperature inputs (screw) 24 VDC
Apr 4, 2022
TM3XHSC202 SCHNEIDER-TM3XHSC202 Datasheet
154Kb / 9P
Module high speed counting, Modicon TM3, 2 channels HSC, 10 inputs, 8 outputs (screw)
Apr 4, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com