Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS912IN Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS912IN
Description  Rail-to-rail CMOS dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912IN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS912IN Datasheet HTML 6Page - STMicroelectronics TS912IN Datasheet HTML 7Page - STMicroelectronics TS912IN Datasheet HTML 8Page - STMicroelectronics TS912IN Datasheet HTML 9Page - STMicroelectronics TS912IN Datasheet HTML 10Page - STMicroelectronics TS912IN Datasheet HTML 11Page - STMicroelectronics TS912IN Datasheet HTML 12Page - STMicroelectronics TS912IN Datasheet HTML 13Page - STMicroelectronics TS912IN Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
TS912, TS912A, TS912B
10/21
Doc ID 2325 Rev 7
SR+
Slew rate
(AVCL = 1, RL = 10 kΩ, CL = 100 pF, Vi = 2.5 V to 7.5 V)
1.3
V/
μs
SR-
Slew rate
(AVCL = 1, RL = 10 kΩ, CL = 100 pF, Vi = 2.5 V to 7.5 V)
0.8
V/
μs
φm
Phase margin
40
Degrees
en
Equivalent input noise voltage (Rs = 100 Ω, f = 1 kHz)
30
nV/
√Hz
THD
Total harmonic distortion
(AVCL = 1, RL = 10 kΩ, CL = 100 pF, Vo = 4.75 V to 5.25 V,
f = 1 kHz)
0.02
%
Cin
Input capacitance
1.5
pF
1.
Maximum values include unavoidable inaccuracies of the industrial tests.
Table 5.
VCC+ = 10 V, VCC- = 0 V, RL, CL connected to VCC/2, Tamb = 25 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com