Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492PE Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7492PE
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7492PE Datasheet HTML 12Page - STMicroelectronics TDA7492PE Datasheet HTML 13Page - STMicroelectronics TDA7492PE Datasheet HTML 14Page - STMicroelectronics TDA7492PE Datasheet HTML 15Page - STMicroelectronics TDA7492PE Datasheet HTML 16Page - STMicroelectronics TDA7492PE Datasheet HTML 17Page - STMicroelectronics TDA7492PE Datasheet HTML 18Page - STMicroelectronics TDA7492PE Datasheet HTML 19Page - STMicroelectronics TDA7492PE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Characterization curves
TDA7492PE
16/24
DocID027029 Rev 1
Figure 9. Efficiency vs. output power
Figure 10. THD vs. output power (f = 1 kHz)
GAMS0307141000SG
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10 m
50
20 m
50 m
100m
200m
500m
1
2
5
10
20
Vs = 20 V, Rl = 6 Ω, f = 1 kHz
Pout (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com