Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7786 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 11Page - STMicroelectronics TDA7786 Datasheet HTML 12Page - STMicroelectronics TDA7786 Datasheet HTML 13Page - STMicroelectronics TDA7786 Datasheet HTML 14Page - STMicroelectronics TDA7786 Datasheet HTML 15Page - STMicroelectronics TDA7786 Datasheet HTML 16Page - STMicroelectronics TDA7786 Datasheet HTML 17Page - STMicroelectronics TDA7786 Datasheet HTML 18Page - STMicroelectronics TDA7786 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
DocID026122 Rev 5
15/54
TDA7786, TDA7786M
Function description
53
2.12
Digital high speed IO interface pins
The IC has several IOs tasked for connectivity to an external HD Radio™ decoder and/or to
I2S audio sources and destinations (pins 37 to 44).
These pins are driven by a special buffer that has been developed to reduce disturbance
originating from activity on the digital lines. This bidirectional buffer is based on a TTL
Schmitt trigger receiver and a slew-rate controlled driver with programmable cut-off
frequency and current capability.
Typical configurations of these IOs for both analog and digital-HD reception are indicated in
Table 3; for the suggested configuration all the slew-rate controlled pads are programmed
with a 10 MHz cut-off frequency:
In case a different GPIO configuration is used, it is recommended to connect the TDA7786x
to an externally regulated 3.3 V source.
2.13
Multipath reduction
The TDA7786 is equipped with a basic FM multipath noise reduction system in addition to
the traditional weak signal processing. The algorithm, called DANCE, assures an improved
performance in presence of in-band interference (such as in case of multipath).
The premium version of the ELITE family, the TDA7786M is equipped with a superior
algorithm, called MuSICA, to further enhance the reception quality even in presence of
strong multipath.
Table 3. Suggested GPIO direction and driving capability
Pin
Use case:
HD reception
Use case:
digital audio out
Driving capability
10 pF
5 pF
37
IN
OUT
X
38
IN
OUT
X
39
OUT
OUT
X
40
IN
IN
X
41
OUT
-
X
42
OUT
-
X
43
OUT
-
X
44
OUT
-
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com