Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESEO-LIV3F Datasheet(PDF) 11 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 9Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 10Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 11Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DS12152 Rev 7
11/37
Teseo-LIV3F
Supported GNSS constellations
35
2
Supported GNSS constellations
The embedded FW supports all the GNSS constellations (GPS, GLONASS, GALIELO,
BEIDOU and QZSS). The user can select what the application needs by FW configuration,
by default GPS+GLONASS are selected.
2.1
GPS
The Teseo-LIV3F GNSS module is designed to receive and to track the L1C/A signals
provided at 1575.42 MHz by the Global Positioning System (GPS). The Teseo-LIV3F can
receive and process GPS concurrently with Galileo and GLONASS or BeiDou (the last two
are mutually exclusive).
2.2
GLONASS
The Teseo-LIV3F module can receive and process GLONASS concurrently with GPS and
Galileo. The Russian GLONASS satellite system (ГЛОНАСС; GLObal NAvigation Satellite
System) is an alternative to US’s GPS and EU’s Galileo.
2.3
BeiDou
The Teseo-LIV3F modules can receive and process BeiDou concurrently with GPS and
Galileo. B1 signals provided at 1561.098 MHz by the BeiDou Navigation Satellite System
can be tracked by Teseo-LIV3F positioning modules. The ability to receive and track BeiDou
B1 satellite signals in conjunction with GPS results in higher coverage, improved reliability
and better accuracy especially in the difficult urban environment of the big far east cities like
Shanghai, Taipei, Singapore.
2.4
Galileo
The Teseo-LIV3F can receive and process Galileo concurrently with GPS and GLONASS or
BeiDou (the last two are mutually exclusive).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com