Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP241AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP241AF
Description  Photocouplers Photorelay
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP241AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP241AF Datasheet HTML 1Page - Toshiba Semiconductor TLP241AF Datasheet HTML 2Page - Toshiba Semiconductor TLP241AF Datasheet HTML 3Page - Toshiba Semiconductor TLP241AF Datasheet HTML 4Page - Toshiba Semiconductor TLP241AF Datasheet HTML 5Page - Toshiba Semiconductor TLP241AF Datasheet HTML 6Page - Toshiba Semiconductor TLP241AF Datasheet HTML 7Page - Toshiba Semiconductor TLP241AF Datasheet HTML 8Page - Toshiba Semiconductor TLP241AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TLP241A,TLP241AF
1
Photocouplers Photorelay
TLP241A,TLP241AF
TLP241A,TLP241AF
TLP241A,TLP241AF
TLP241A,TLP241AF
Start of commercial production
2015-09
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Mechanical relay replacements
•
Security Systems
•
Measuring Instruments
•
Factory Automation (FA)
•
Amusement Equipment
•
Smart Meters
•
Electricity Meters
2.
2.
2.
2. General
General
General
General
The TLP241A and TLP241AF photorelay consist of a photo MOSFET optically coupled to an infrared LED. They
are housed in a 4-pin DIP package. They provide an isolation voltage of 5000 Vrms, making them suitable for
applications that require reinforced insulation.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Halogen-free
For details, see "Devices in Halogen-Free Resin Packages" at the end of this datasheet.
(2)
Normally opened (1-Form-A)
(3)
OFF-state output terminal voltage: 40 V (min)
(4)
Trigger LED current: 3 mA (max)
(5)
ON-state current: 2.0 A (max)
(6)
ON-state resistance: 100 mΩ (max, t < 1 s)
150 mΩ (max, Continuous)
(7)
Isolation voltage: 5000 Vrms (min)
(8)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
UL-recognized: UL 508, File No.E499232 (Note 1)
(Note 1)
(Note 1)
(Note 1)
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 2)
(Note 2)
(Note 2)
(Note 2)
Note 1: Please refer Absolute Maximum Ratings (UL-recognized UL 508) for UL 508 products.
Note 2: When an EN 60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
4.
4.
4.
4. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP241A
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP241AF
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2020-02-17
Rev.7.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP241AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP241B TOSHIBA-TLP241B Datasheet
404Kb / 14P
Photocouplers Photorelay
2020-12-02 Rev.1.0
TLP241BF TOSHIBA-TLP241BF Datasheet
404Kb / 14P
Photocouplers Photorelay
2020-12-02 Rev.1.0
More results

Similar Description - TLP241AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com