Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C331MPFS32A-166TQIN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C331MPFS32A-166TQIN
Description  3.3V 1M x 32/36 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MPFS32A-166TQIN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C331MPFS32A-166TQIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQIN Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
®
AS7C331MPFS32A
AS7C331MPFS36A
12/23/04, v.2.9
Alliance Semiconductor
8 of 19
Absolute maximum ratings
Stresses greater than those listed under “Absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to abso-
lute maximum rating conditions may affect reliability.
Recommended operating conditions at 3.3V I/O
Recommended operating conditions at 2.5V I/O
Parameter
Symbol
Min
Max
Unit
Power supply voltage relative to GND
VDD, VDDQ
–0.5
+4.6
V
Input voltage relative to GND (input pins)
VIN
–0.5
VDD + 0.5
V
Input voltage relative to GND (I/O pins)
VIN
–0.5
VDDQ + 0.5
V
Power dissipation
Pd
–1.8
W
Short circuit output current
IOUT
–
20
mA
Storage temperature
Tstg
–65
+150
oC
Temperature under bias
Tbias
–65
+135
oC
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
3.135
3.3
3.465
V
Supply voltage for I/O
VDDQ
3.135
3.3
3.465
V
Ground supply
Vss
0
0
0
V
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
3.135
3.3
3.465
V
Supply voltage for I/O
VDDQ
2.375
2.5
2.625
V
Ground supply
Vss
0
0
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com